Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1035CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1035CT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1035CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR1035CT_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1035CT_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR1035CT_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR1035CT_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1308060
Version: K13
MBR1035CT thru MBR10200CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TO-220AB
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.88 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBR
1035
CT
MBR
1045
CT
MBR
1050
CT
MBR
1060
CT
MBR
1090
CT
MBR
10100
CT
MBR
10150
CT
MBR
10200
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
10.5
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
10
A
0.80
V
0.57
0.65
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Peak repetitive reverse surge current (Note 1)
0.1
0.70
0.80
0.85
0.88
0.90
0.95
0.98
0.67
0.85
0.88
Maximum instantaneous forward voltage (Note 2)
IF= 5 A, TJ=25℃
IF= 5 A, TJ=125℃
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
VF
Operating junction temperature range
- 55 to +150
0.75
0.78
mA
15
10
Voltage rate of change (Rated VR)
10000
0.75
Storage temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
25
1.5
Typical thermal resistance


Similar Part No. - MBR1035CT_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_11 Datasheet
196Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1035CT_14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com