Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1060CT-YC0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1060CT-YC0G
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1060CT-YC0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR1060CT-YC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1060CT-YC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR1060CT-YC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR1060CT-YC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
45
60
100
150
200
V
VRMS
31
42
70
105
140
V
VDC
45
60
100
150
200
V
IF(AV)
A
IRRM
1A
0.70
0.80
0.85
0.57
0.65
0.75
0.80
0.90
0.95
0.67
0.75
0.85
15
10
2
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405041
Version: A14
MBR10
200CT
Marking code
MBR10
45CT
MBR10
60CT
MBR10
100CT
MBR10
150CT
Storage temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
5
1.5
Typical thermal resistance
Operating junction temperature range
- 55 to +150
0.78
mA
Voltage rate of change (Rated VR)
10000
0.98
0.88
Maximum instantaneous forward voltage (Note 2)
IF= 5 A, TJ=25℃
IF= 5 A, TJ=125℃
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
VF
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Peak repetitive reverse surge current (Note 1)
0.1
0.88
IFRM
10
A
V
MBR
10200
CT-Y
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
0.5
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBR
1045
CT-Y
MBR
1060
CT-Y
MBR
10100
CT-Y
MBR
10150
CT-Y
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.88 g (approximately)
TO-220AB
MBR1045CT-Y thru MBR10200CT-Y
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor


Similar Part No. - MBR1060CT-YC0G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR1060CT-1 SMC-MBR1060CT-1 Datasheet
132Kb / 6P
   SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR1060CT-E1 BCDSEMI-MBR1060CT-E1 Datasheet
783Kb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR1060CT-E1 DIODES-MBR1060CT-E1 Datasheet
410Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR1060CT-G1 BCDSEMI-MBR1060CT-G1 Datasheet
783Kb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR1060CT-G1 DIODES-MBR1060CT-G1 Datasheet
410Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR1060CT-YC0G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com