Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545CT-Y Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1545CT-Y
Description  15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1545CT-Y Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBR1545CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1545CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR1545CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR1545CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.50
-
0.413
B
2.62
3.44
0.103
0.135
C
2.80
4.20
0.110
0.165
D
0.68
0.94
0.027
0.037
E
3.54
4.00
0.139
0.157
F
14.60
16.00
0.575
0.630
G
13.19
14.79
0.519
0.582
H
2.41
2.67
0.095
0.105
I
4.42
4.76
0.174
0.187
J
1.14
1.40
0.045
0.055
K
5.84
6.86
0.230
0.270
L
2.20
2.80
0.087
0.110
M
0.35
0.64
0.014
0.025
P/N
= Marking Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1405042
Version: B15
MARKING DIAGRAM
MBR1545CT-Y - MBR15200CT-Y
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
TO-220AB
10
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER LEG
f=1.0MHz
Vsig=50mVp-p
MBR1545CT-Y-60CT-Y
MBR15100CT-Y-200CT-Y
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS PER LEG


Similar Part No. - MBR1545CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1545CT-1 VISHAY-MBR1545CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
logo
Sangdest Microelectroni...
MBR1545CT-1 SMC-MBR1545CT-1 Datasheet
227Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1545CT-1P VISHAY-MBR1545CT-1P Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 14-Aug-08
MBR1545CT-1P VISHAY-MBR1545CT-1P Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBR1545CT-1PBF VISHAY-MBR1545CT-1PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 14-Aug-08
More results

Similar Description - MBR1545CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
   20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
   Dual Common Cathode Schottky Rectifiers
Revision: 14-Aug-13
logo
Taiwan Semiconductor Co...
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
   10A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
   30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
   20A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
   2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com