Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045CT-Y Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR3045CT-Y
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR3045CT-Y Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR3045CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR3045CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR3045CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR3045CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
45
60
80
100
150
V
VRMS
31
42
56
70
105
V
VDC
45
60
80
100
150
V
IF(AV)
A
IRRM
A
0.7
0.77
0.95
0.6
0.67
0.92
0.82
-
1.02
0.73
-
0.98
0.1
40
10
5
dV/dt
V/μs
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411034
Version: C14
1.0
1.5
0.70
0.94
0.82
7.5
0.5
Note 1: tp = 2.0 μs, 1.0KHz
- 55 to +150
Storage temperature range
- 55 to +150
mA
Note 2: Pulse test with PW=300μs, 1% duty cycle
1.0
0.2
Typical thermal resistance
Operating junction temperature range
Maximum instantaneous forward voltage (Note 2)
IF=15A, TJ=25°C
IF=15A, TJ=125°C
IF=30A, TJ=25°C
IF=30A, TJ=125°C
VF
V
Voltage rate of change (Rated VR)
10000
Maximum reverse current @ rated VR TJ=25°C
TJ=125°C
IR
0.84
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Peak repetitive reverse surge current (Note 1)
Maximum DC blocking voltage
Maximum average forward rectified current
30
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
30
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
5 in-lbs maximum
Weight:
1.9 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
Marking code
MBR30
80CT-Y
MBR30
80CT
MBR3045CT-Y thru MBR30150CT-Y
Dual Common Cathode Schottky Rectifier
FEATURES
MBR30
45CT-Y
MBR30
60CT-Y
MBR30
100CT-Y
MBR30
150CT-Y
UNIT
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
Taiwan Semiconductor
TO-220AB
MBR30
45CT
MBR30
60CT
MBR30
100CT
MBR30
150CT


Similar Part No. - MBR3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045CT-1 VISHAY-MBR3045CT-1 Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
logo
Sangdest Microelectroni...
MBR3045CT-1 SMC-MBR3045CT-1 Datasheet
170Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
logo
Vishay Siliconix
MBR3045CT-1P VISHAY-MBR3045CT-1P Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
MBR3045CT-1P VISHAY-MBR3045CT-1P Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBR3045CT-1PBF VISHAY-MBR3045CT-1PBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results

Similar Description - MBR3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com