Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT124XC Datasheet(PDF) 9 Page - Linear Technology

Part # LT124XC
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT124XC Datasheet(HTML) 9 Page - Linear Technology

Back Button LT124XC Datasheet HTML 5Page - Linear Technology LT124XC Datasheet HTML 6Page - Linear Technology LT124XC Datasheet HTML 7Page - Linear Technology LT124XC Datasheet HTML 8Page - Linear Technology LT124XC Datasheet HTML 9Page - Linear Technology LT124XC Datasheet HTML 10Page - Linear Technology LT124XC Datasheet HTML 11Page - Linear Technology LT124XC Datasheet HTML 12Page - Linear Technology LT124XC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1241 Series
S
APPLICATI
I FOR ATIO
change in the error amplifier output voltage. The threshold
voltage will be 0.333V for an error amplifier voltage of
2.4V. To reduce the maximum current sense threshold to
less than 1V the error amplifier output should be clamped
to less than 4.4V.
Blanking
A unique feature of the LT1241 series devices is the built-
in blanking circuit at the output of the current sense
comparator. A common problem with current mode
PWM circuits is erratic operation due to noise at the
current sense input. The primary cause of noise problems
is the leading edge current spike due to transformer
interwinding capacitance and diode reverse recovery
time. This current spike can prematurely trip the current
sense comparator causing an instability in the regulator
circuit. A filter at the current sense input is normally
required to eliminate this instability.
This filter will in turn slow down the current sense loop.
A slow current sense loop will increase the minimum pulse
width which will increase the short-circuit current in an
overload condition. The LT1241 series devices blank (lock
out) the signal at the output of the current sense compara-
tor for a fixed amount of time after the switch is turned on.
This effectively prevents the PWM latch from tripping due
to the leading edge current spike.
The blanking time will be a function of the voltage at the
feedback pin (Pin 2). The blanking time will be 100ns for
normal operating conditions (VFB = 2.5V). The blanking
time goes to zero as the feedback pin is pulled to 0V. This
means that the blanking time will be minimized during
start-up and also during an output short-circuit fault. This
blanking circuit eliminates the need for an input filter at the
current sense input except in extreme cases. Eliminating
the filter allows the current sense loop to operate with
minimum delays, reducing peak currents during fault
conditions.
Current Sense Comparator and PWM Latch
LT1241 series devices are current mode controllers.
Under normal operating conditions the output (Pin 6) is
turned on at the start of every oscillator cycle, coincident
with the rising edge of the oscillator waveform. The output
is then turned off when the current reaches a threshold
level proportional to the error voltage at the output of the
error amplifier. Once the output is turned off it is latched
off until the start of the next cycle. The peak current is thus
proportional to the error voltage and is controlled on a
cycle by cycle basis. The peak switch current is normally
sensed by placing a sense resistor in the source lead of the
output MOSFET. This resistor converts the switch current
to a voltage that can be fed into the current sense input. For
normal operating conditions the peak inductor current,
which is equal to the peak switch current, will be equal to:
I
VV
R
PK
PIN
S
=
()
()
1
14
3
.
During fault conditions the maximum threshold voltage at
the input of the current sense comparator is limited by the
internal 1V clamp at the inverting input. The peak switch
current will be equal to:
I
V
R
PK MAX
S
()
.
=
10
In certain applications, such as high power regulators, it
may be desirable to limit the maximum threshold voltage
to less than 1V in order to limit the power dissipated in the
sense resistor or to limit the short-circuit current of the
regulator circuit. This can be accomplished by clamping
the output of the error amplifier. A voltage level of
approximately 1.4V at the output of the error amplifier will
give a threshold voltage of 0V. A voltage level of approxi-
mately 4.4V at the output of the error amplifier will give
a threshold level of 1V. Between 1.4V and 4.4V the
threshold voltage will change by a factor of one-third of the


Similar Part No. - LT124XC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT124XCJ8 LINER-LT124XCJ8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCJ8 LINER-LT124XCJ8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCJ8 LINER-LT124XCJ8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCJ8 LINER-LT124XCJ8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT124XCJ8 LINEAR-LT124XCJ8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT124XC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com