Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75238 Datasheet(PDF) 7 Page - NEC

Part # UPD75238
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75238 Datasheet(HTML) 7 Page - NEC

Back Button UPD75238 Datasheet HTML 3Page - NEC UPD75238 Datasheet HTML 4Page - NEC UPD75238 Datasheet HTML 5Page - NEC UPD75238 Datasheet HTML 6Page - NEC UPD75238 Datasheet HTML 7Page - NEC UPD75238 Datasheet HTML 8Page - NEC UPD75238 Datasheet HTML 9Page - NEC UPD75238 Datasheet HTML 10Page - NEC UPD75238 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 190 page
background image
7
µPD75238
1. PIN FUNCTIONS
1.1
PORT PINS (1/2)
Notes 1. The circuits enclosed in circles have a Schmitt-triggered input.
2. An LED can be driven directly.
×
×
×
×
r
r
With noise elimination function
4-bit input port (port 0).
For P01 to P03, pull-up resistors can be
provided by software in units of 3 bits.
4-bit input port (port 1).
Pull-up resistors can be provided by software
in units of 4 bits.
4-bit I/O port (port 2).
Pull-up resistors can be provided by software
in units of 4 bits.
Programmable 4-bit I/O port (port 3).
Input/output can be specified bit by bit.
Pull-up resistors can be provided by software
in units of 4 bits.
N-ch open-drain 4-bit I/O port (port 4).
A pull-up resistor can be provided bit by bit
(mask option).
Withstand voltage is 10 V in open-drain mode.
N-ch open-drain 4-bit I/O port (port 5).
A pull-up resistor can be provided bit by bit
(mask option).
Withstand voltage is 10 V in open-drain mode.
Programmable 4-bit I/O port (port 6).
Input/output can be specified bit by bit.
Pull-up resistors can be provided by software
in units of 4 bits.
4-bit I/O port (port 7).
A pull-down resistor can be provided bit by bit
(mask option).
Pin name
B
F
- A
F
- B
M - C
B
- C
E - B
E - C
M
M
E - C
V
Input
Input
Input
Input
High level
(when a pull-up
resistor is
provided) or
high impedance
High level
(when a pull-up
resistor is
provided) or
high impedance
Input
VSS level (when
a pull-down
resistor is
provided) or
high impedance
When reset
Function
I/ONote 1
circuit
type
I
I
I/O
I/O
I/O
I/O
I/O
I/O
INT4
SCK0
SO0/SB0
SI0/SB1
INT0
INT1
INT2
TI0
PTO0
PCL
BUZ
Also
used as
I/O
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30Note 2
P31Note 2
P32Note 2
P33Note 2
P40-P43Note 2
P50-P53Note 2
P60
P61
P62
P63
P70
P71
P72
P73
8-bit I/O


Similar Part No. - UPD75238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75238 RENESAS-UPD75238 Datasheet
1Mb / 192P
   MOS INTEGRATED CIRCUIT
1992
UPD75238GJ-XXX-5BG RENESAS-UPD75238GJ-XXX-5BG Datasheet
1Mb / 192P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75238

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com