Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6060PTC0G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR6060PTC0G
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR6060PTC0G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR6060PTC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR6060PTC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR6060PTC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR6060PTC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBR6060PT
MBR6060PT
MBR6060PT
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309035
Version: G13
MBR6060PTHC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
MBR6060PT C0
C0
MBR6060PT C0G
C0
G
Green compound
Note 1: "xx" defines voltage from 35V (MBR6035PT) to 100V (MBR60100PT)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
MBR60xxPT
(Note 1)
Prefix "H"
C0
Suffix "G"
TO-3P
30 / Tube
MBR6035PT thru MBR60100PT
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
0
15
30
45
60
75
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
100
200
300
400
500
600
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=125℃
TJ=25℃
MBR6035PT-MBR6045PT
MBR6050PT-MBR60100PT
TJ=75℃
0.1
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
TJ=125℃
TJ=125℃
Pulse Width=300μs
1% Duty Cycle
MBR6050PT-60100PT
MBR6035PT-6045PT
TJ=25℃
MBR6035PT-6045PT
MBR6050PT-60100PT
TJ=25℃


Similar Part No. - MBR6060PTC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
99Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBR6060PT ZSELEC-MBR6060PT Datasheet
166Kb / 2P
   60.0A SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
111Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
MBR6060PT FS-MBR6060PT Datasheet
393Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
369Kb / 2P
   60 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR6060PTC0G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com