Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236CI Datasheet(PDF) 5 Page - Linear Technology

Part # LT1236CI
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236CI Datasheet(HTML) 5 Page - Linear Technology

  LT1236CI Datasheet HTML 1Page - Linear Technology LT1236CI Datasheet HTML 2Page - Linear Technology LT1236CI Datasheet HTML 3Page - Linear Technology LT1236CI Datasheet HTML 4Page - Linear Technology LT1236CI Datasheet HTML 5Page - Linear Technology LT1236CI Datasheet HTML 6Page - Linear Technology LT1236CI Datasheet HTML 7Page - Linear Technology LT1236CI Datasheet HTML 8Page - Linear Technology LT1236CI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1236
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Output Noise 0.1Hz to 10Hz,
LT1236-5
TIME (MINUTES)
0
35
LT1236 G15
12
46
5
µV (1ppm)
FILTERING = 1 ZERO AT 0.1Hz
2 POLES AT 10Hz
Output Voltage Noise
BANDWIDTH (Hz)
10
8
12
16
14
10
6
2
100
1k
10k
LT1236 G07
4
0
COUT = 0
FILTER = 1 POLE
fLOW = 0.1Hz
LT1236-10
LT1236-5
Output Voltage Temperature Drift
LT1236-5
OUTPUT CURRENT (mA)
–10
1
3
5
4
2
0
–2
–4
6
LT1236 G09
–1
–3
–5
–6
–8
– 4
0
4
8
–2
2
10
VIN = 8V
SOURCING
SINKING
Load Regulation LT1236-5
Quiescent Current, LT1236-5
INPUT VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
35
30
1.8
LT1236 G10
0.4
5
10152025
40
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
TJ = 125°C
IOUT = 0
Thermal Regulation, LT1236-5
TIME (ms)
– 1.0
– 0.5
140
LT1236 G12
20
60
100
0
0
40
80
120
LOAD
REGULATION
THERMAL
REGULATION*
ILOAD = 10mA
*INDEPENDENT OF TEMPERATURE COEFFICIENT
VIN = 25V
∆POWER = 200mW
Sink Mode* Current Limit,
LT1236-5
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
4
8
10
18
LT1236 G11
20
26
12
14
16
60
VIN = 8V
*NOTE THAT AN INPUT VOLTAGE IS REQUIRED
FOR 5V UNITS.
Load Transient Response,
LT1236-5, CLOAD = 0
TIME (
µs)
2
LT1236 G13
1
024
13
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.5mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
50mV
50mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
Load Transient Response,
LT1236-5, CLOAD = 1000pF
TIME (
µs)
10
LT1236 G14
5
010
20
5
15
15
0
20
ISOURCE = 2-10mA
ISOURCE = 0.2mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
20mV
20mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TEMPERATURE (
°C)
–40
5.000
5.002
5.005
0
40
60
LT1236 G08
5.001
5.004
5.003
–20
20
80
100


Similar Part No. - LT1236CI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
162Kb / 8P
   Ultra Precision Reference
logo
Linear Integrated Syste...
LT1236 LINEAR-LT1236 Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Integrated Syste...
LT1236 LINEAR-LT1236 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
More results

Similar Description - LT1236CI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com