Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1246CN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1246CN8
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1246CN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1246CN8 Datasheet HTML 4Page - Linear Technology LT1246CN8 Datasheet HTML 5Page - Linear Technology LT1246CN8 Datasheet HTML 6Page - Linear Technology LT1246CN8 Datasheet HTML 7Page - Linear Technology LT1246CN8 Datasheet HTML 8Page - Linear Technology LT1246CN8 Datasheet HTML 9Page - Linear Technology LT1246CN8 Datasheet HTML 10Page - Linear Technology LT1246CN8 Datasheet HTML 11Page - Linear Technology LT1246CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1246/LT1247
10
Adjustable Clamp Level with Soft Start
Soft Start
External Clock Synchronization
LT1246 • TA06
R
VREF
FEEDBACK
COMP
ISENSE
C
+
+
1
2
2.5V
2R
R
1V
1.5V
+
3
1mA
5.6V
8
5V REF
LT1246 • TA07
FEEDBACK
COMP
RT/CT
VREF
VIN
RS
R2
C
R1
VCLAMP
1.67
R2
+ 1
R1
(
(
IPK (MAX)
VCLAMP
RS
WHERE: O
≤ V
CLAMP ≤ 1.0V
tSOFT START = –ln 1 –
VC
C
R1 R2
3 • VCLAMP
R1 + R2
ISENSE
+
+
2
2.5V
2R
R
1V
1.5V
+
BLANKING
1mA
5.6V
4
OSCILLATOR
R
S
18V
7
VCC
UV
LOCKOUT
5
GND
6
OUTPUT
5V REF
MAIN BIAS
REFERENCE PULLDOWN
OUTPUT
PULLDOWN
REFERENCE ENABLE
1
8
3
100k
LT1246 • TA05
5V REF
OSCILLATOR
EXTERNAL
SYNC
INPUT
0.01
µF
47
CT
D1
RT
RT/CT
VREF
D1 IS REQUIRED IF THE SYNC AMPLITUDE IS
LARGE ENOUGH TO PULL THE BOTTOM OF CT
MORE THAN 300mV BELOW GROUND.
8
4
S
APPLICATI
TYPICAL


Similar Part No. - LT1246CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1246 LINER-LT1246 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results

Similar Description - LT1246CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com