Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1248IN Datasheet(PDF) 8 Page - Linear Technology

Part # LT1248IN
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248IN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1248IN Datasheet HTML 4Page - Linear Technology LT1248IN Datasheet HTML 5Page - Linear Technology LT1248IN Datasheet HTML 6Page - Linear Technology LT1248IN Datasheet HTML 7Page - Linear Technology LT1248IN Datasheet HTML 8Page - Linear Technology LT1248IN Datasheet HTML 9Page - Linear Technology LT1248IN Datasheet HTML 10Page - Linear Technology LT1248IN Datasheet HTML 11Page - Linear Technology LT1248IN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1248
ripple fed back to the error amplifier is minimized. Note
that switching ripple on the high impedance lines could get
into the multiplier from the IAC pin and cause instability.
The LT1248 provides an internal 25k resistor in series with
the low impedance multiplier current input so that only a
capacitor from the IAC pin to GND is needed to filter out the
noise. The maximum multiplier output current, which
limits the system line current, is set by the RSET according
to the formula: IM(MAX) = 3.75V/RSET.
Oscillator Frequency and Maximum Line
Current Settling
Oscillator frequency is set by RSET and CSET. Ramp ampli-
tude is 5V and CSET charging current is set by VREF/RSET.
Typical discharging time for CSET = 1nF is 250ns. RSET
should always be determined first to set the maximum
multiplier output current for system line current limit. For
a 300W preregulator, with RSET = 15k, IM(MAX)=3.75V/15k
= 250
µA. With a 4k resistor RREF from MOUT to the 0.2Ω
line current sense resistor RS, the line current limit is: (IM
• 4k)/RS. As a general rule, RS is chosen according to:
RS = IM(MAX) • RREF • VLINE(MIN)
K(1.414)POUT(MAX)
where POUT(MAX) is the maximum power output and K is
usually between 1.1 and 1.3 depending on efficiency and
resistor tolerance. With RSET selected, CSET can then be
determined by: CSET = 1.5/(Frequency • RSET). For 100kHz,
CSET = 1.5/(100kHz • 15k) = 1nF. For optional double
protection, the LT1248 provides a current limit compara-
tor. When the comparator trips at 0V, the GTDR pin quickly
goes low to shut off the MOS switch. A resistor divider
from VREF to RS (Figure 2) senses the voltage across the
line current sense resistor and the current limit is set by:
ILINE = [(7.5V/R1) + 50µA](R2/RS), where 50µA is IPKLIM.
S
APPLICATI
I FOR ATIO
With ILINE and RS chosen, let R1 = 10k, then R2 =
(ILINE • RS)/0.8mA.
Always use RSET to set the primary line current limit. The
PKLIM comparator is only for secondary protection. The
secondary limit should be higher than the primary limit;
6.5A is good (5A for primary limit) for a 300W regulator.
When line current reaches the primary limit, VOUT drops to
keep the line current constant, and system stability is still
maintained by the current loop which is controlled by the
current amplifier. When line current reaches the second-
ary limit, the comparator controls the system and loop
hysteresis may occur and can cause audible noise.
Synchronization
The LT1248 can be synchronized to a frequency that is up
to 1.6 times the natural frequency. With a 200ns one-shot
timer on-chip, the LT1248 provides flexibility on the
synchronizing pulse width. Because the EN/SYNC pin also
serves the chip shutdown function, the pulses at the pin
should not go below 3V and must go below 5V with widths
greater than 200ns. The Figure 3 circuit will synchronize
the LT1248.
Figure 2
+
ILINE
RS
0.2
IPKLIM
C1
1nF
7.5V
VREF
PKLIM
C1 IS TO REJECT NOISE, CURRENT
LIMIT DELAY IS ABOUT 2
µs.
R2
1.6k
R1
10k
+
1248 F02
Overvoltage Protection
Because of the slow loop response necessary for power
factor correction, output overshoot can occur with sudden
load removal or reduction. To protect the power compo-
nents and output load, the LT1248 provides an overvolt-
age comparator which senses the output voltage and
quickly shuts off the current switch. In Figure 4, because
there is no DC current going through R3, R1 and R2 set the
regulator output DC level: VOUT = VREF[(R1 + R2)/R2], with
R1 = 1M, R2 = 20k, VOUT is 382V.
Figure 3
30k
VREF
200k
VCC
1N4148
1N4685
3.6V
EN/SYNC
VN2222
SYNC PULSE
AT LEAST 200ns
1248 F03


Similar Part No. - LT1248IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1248 LINER-LT1248 Datasheet
169Kb / 12P
   Power Factor Controller
LT1248 LINER-LT1248_15 Datasheet
169Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1248IN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com