Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1259CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1259CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1259CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1259CS Datasheet HTML 2Page - Linear Technology LT1259CS Datasheet HTML 3Page - Linear Technology LT1259CS Datasheet HTML 4Page - Linear Technology LT1259CS Datasheet HTML 5Page - Linear Technology LT1259CS Datasheet HTML 6Page - Linear Technology LT1259CS Datasheet HTML 7Page - Linear Technology LT1259CS Datasheet HTML 8Page - Linear Technology LT1259CS Datasheet HTML 9Page - Linear Technology LT1259CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1259/LT1260
Output Impedance in Shutdown
vs Frequency
Maximum Capacitive Load
vs Feedback Resistor
Output Saturation Voltage
vs Temperature
FREQUENCY (Hz)
100k
0.1
1
10
100
1M
10M
100M
LT1259/60 • TPC11
VS = ±15
AV = 1
RF = 1.5k
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (±V)
0
0
1
2
3
4
12
7
LT1259/60 • TPC13
218
5
6
468
10
14
16
–55°C
25°C
125°C
TEMPERATURE (°C)
–50
–1.0
V+
25
75
LT1259/60 • TPC14
1.0
–25
0
50
100
125
0.5
V
–0.5
RL = ∞
±2V
≤ VS ≤ ±18V
Input Common-Mode Limit
vs Temperature
TEMPERATURE (°C)
–50
V
0.5
1.5
2.0
V+
–1.5
0
50
75
LT1259/60 • TPC16
1.0
–1.0
–0.5
–2.0
–25
25
100
125
V+ = 2V TO 18V
V= –2V TO –18V
Output Short-Circuit Current
vs Junction Temperature
TEMPERATURE (°C)
–50
60
70
150
LT1259/60 • TPC15
50
40
0
50
100
80
–25
25
75
125
Settling Time to 10mV
vs Output Step
SETTLING TIME (ns)
0
–10
–8
–4
–2
0
10
4
200
400
500
LT1259/60 • TPC17
–6
6
8
2
100
300
600 700
800
NONINVERTING
INVERTING
VS = ±12V
RF = 1.5k
Small-Signal Rise Time
FEEDBACK RESISTOR (k
Ω)
1000
LT1259/60 • TPC12
10
100
26
5
4
3
1
AV = 2
RL = 150Ω
PEAKING
≤ 5dB
VS = ±5V
VS = ±15V
LT1259/60 G19
VS = ±15V
AV = 2
RF = RG = 1.6k
RL = 150Ω
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1259CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results

Similar Description - LT1259CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com