Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF2060 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2060
Description  Isolated Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2060 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBRF2060 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF2060 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.10
0.098
0.122
C
2.30
2.90
0.091
0.114
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
0.00
1.60
0.000
0.063
I
0.95
1.45
0.037
0.057
J
0.50
0.90
0.020
0.035
K
2.40
3.20
0.094
0.126
L
14.80
15.50
0.583
0.610
M
-
4.10
-
0.161
N
-
1.80
-
0.071
O
12.60
13.80
0.496
0.543
P
4.95
5.20
0.195
0.205
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1309013
Version: I13
MARKING DIAGRAM
MBRF2035 thru MBRF20100
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
f=1.0MHz
Vsig=50mVp-p
MBRF2035-2060
MBRF2090-20100
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG


Similar Part No. - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2060 MOTOROLA-MBRF2060 Datasheet
84Kb / 4P
   SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF2060 TSC-MBRF2060 Datasheet
272Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2060 TSC-MBRF2060 Datasheet
149Kb / 2P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2060 LUGUANG-MBRF2060 Datasheet
214Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF2060 SAMYANG-MBRF2060 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com