Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1079 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1079
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1079_15 Datasheet HTML 3Page - Linear Technology LT1079_15 Datasheet HTML 4Page - Linear Technology LT1079_15 Datasheet HTML 5Page - Linear Technology LT1079_15 Datasheet HTML 6Page - Linear Technology LT1079_15 Datasheet HTML 7Page - Linear Technology LT1079_15 Datasheet HTML 8Page - Linear Technology LT1079_15 Datasheet HTML 9Page - Linear Technology LT1079_15 Datasheet HTML 10Page - Linear Technology LT1079_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1078/LT1079
10789fe
TIME (SEC)
0
8
LT1078/79 • TPC04
2
4
6
10
CHANNEL A
CHANNEL B
TA = 25°C
VS = ±2.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current
vs Common Mode Voltage
Input Bias and Offset Currents
vs Temperature
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
55
50
45
40
35
30
25
25
75
LT1078/79 • TPC01
–25
0
50
100
125
VS = ±15V
VS = 5V, 0V
TEMPERATURE (
°C)
–50
100
50
0
–5
–6
–7
0
50
75
LT1078/79 • TPC02
–25
25
100
125
IOS
IB
VS = 5V, 0V TO ±15V
COMMON MODE VOLTAGE (V)
–1
0
–2
–4
–6
–8
–10
–12
012
3
LT1078/79 • TPC03
4
TA = 125°C
TA = –55°C
VS = 5V, 0V
TA = 25°C
0.1Hz to 10Hz Noise
0.01Hz to 10Hz Noise
Noise Spectrum
TIME (SEC)
0
80
LT1078/79 • TPC05
20
40
60
100
CHANNEL B
TA = 25°C
VS = ±2.5V
CHANNEL A
0.4
μV
FREQUENCY (Hz)
0.1
1
100
10
100
30
1000
300
10
1000
LT1078/79 • TPC06
CURRENT
NOISE
VOLTAGE
NOISE
1/f CORNER
0.7Hz
TA = 25°C
VS = ±2.5V
(AT VS = ±15V
VOLTAGE NOISE
IS 4% LESS
CURRENT NOISE
IS UNCHANGED)
10Hz Voltage Noise Distribution
Distribution of Offset Voltage Drift
with Temperature (In All Packages
Except Surface Mount)
Long Term Stability of Two
Representative Units (LT1078)
VOLTAGE NOISE DENSITY (nV/
√Hz)
25
LT1078/79 • TPC07
30
35
40
35
30
25
20
15
10
5
0
TA = 25°C
VS = ± 2.5V
329 OP AMPS TESTED
FROM THREE RUNS
106 LT1078'S
45 LT1079'S
TIME (MONTHS)
0
123
4
LT078/79 • TPC09
5
15
10
5
0
–5
–10
–15
TA = 25°C, VS = 5V, 0V
VCM = 0.1V
1A
2B
1B
2A
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
μV/°C)
25
20
15
10
5
0
LT1078/79 • TPC08
–2
–1
0
1
2
11
1
1
3 5
7
44
120
109
85
47
4 3
89
VS = 5V, 0V
VCM = 0.1V
120 LT1078'S
70 LT1079'S
520 OP AMPS


Similar Part No. - LT1079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1079AC LINER-LT1079AC Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079ACN LINER-LT1079ACN Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079ACN LINER-LT1079ACN Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079AM LINER-LT1079AM Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079C LINER-LT1079C Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1079_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com