Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1251 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1251
Description  40MHz Video Fader and DC Gain Controlled Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1251_15 Datasheet HTML 3Page - Linear Technology LT1251_15 Datasheet HTML 4Page - Linear Technology LT1251_15 Datasheet HTML 5Page - Linear Technology LT1251_15 Datasheet HTML 6Page - Linear Technology LT1251_15 Datasheet HTML 7Page - Linear Technology LT1251_15 Datasheet HTML 8Page - Linear Technology LT1251_15 Datasheet HTML 9Page - Linear Technology LT1251_15 Datasheet HTML 10Page - Linear Technology LT1251_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LT1251/LT1256
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common Mode Range
vs Temperature
Control and Full-Scale Amp Input
Bias Current vs Input Voltage
NULL VOLTAGE, REFERENCED TO V(mV)
020
40
60
100 120
80
140 160
1251/56 G24
200
150
100
50
0
–50
–100
–150
–200
TA = –55°C
TA = 125°C
VS = ±5V
VFS = 1.25V
TA = 25°C
Inverting Input Bias Current
vs Null Voltage
Inverting Input Bias Current
vs Null Voltage
NULL VOLTAGE, REFERENCED TO V(mV)
050
100
200
150
250
300
1251/56 G23
400
300
200
100
0
–100
–200
–300
–400
TA = –55°C
TA = 125°C
VS = ±5V
VFS = 2.5V
TA = 25°C
Positive Output Saturation
Voltage vs Load Current
LOAD CURRENT (mA)
0
10
20
30
40
1251/56 G26
1.7
1.5
1.3
1.1
0.9
0.7
0.5
TA = –55°C
TA = 125°C
VS = ±5V
TA = 25°C
Negative Output Saturation
Voltage vs Load Current
3.0
2.5
2.0
1.5
1.0
0.5
1251/56 G27
LOAD CURRENT (mA)
0
–10
–20
–30
–40
TA = –55°C
TA = 125°C
VS = ±5V
TA = 25°C
Output Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–50
60
50
40
30
25
75
1251/56 G28
–25
0
50
100
125
Supply Current vs
Full-Scale Voltage
Supply Current vs
Full-Scale Current
INPUT VOLTAGE (V)
0
3
5
1251/56 G25
12
4
–400
–350
–300
–250
–200
–150
–100
–50
0
TA = –55°C
TA = 125°C
VS ≥ ±7.5V
TA = 25°C
FULL-SCALE VOLTAGE, VFS (V)
0
14
12
10
8
6
4
2
0
1.5
1251/56 G20
0.5
1.0
2.0
2.5
VS = ±5V
INTERNAL RESISTORS
TA = – 55°C,
TA = 25°C
TA = 125°C
FULL-SCALE CURRENT, IFS (µA)
0
14
12
10
8
6
4
2
0
1251/56 G21
200
500
100
300
400
VS = ±5V
VC = 0V
TA = – 55°C
TA = 125°C
TEMPERATURE (
°C)
–50
–25
100
75
V+
V+ –1
V+ –2
V+2
V+1
V
1251/56 G22
0
25
50
125


Similar Part No. - LT1251_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT12512-15E ETC1-LT12512-15E Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Linear Technology
LT1251CN LINER-LT1251CN Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251CS LINER-LT1251CS Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
More results

Similar Description - LT1251_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
logo
Intersil Corporation
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
   Video Gain Control/Fader/Multiplexer
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com