Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1396 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1396
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1396 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1396_15 Datasheet HTML 7Page - Linear Technology LT1396_15 Datasheet HTML 8Page - Linear Technology LT1396_15 Datasheet HTML 9Page - Linear Technology LT1396_15 Datasheet HTML 10Page - Linear Technology LT1396_15 Datasheet HTML 11Page - Linear Technology LT1396_15 Datasheet HTML 12Page - Linear Technology LT1396_15 Datasheet HTML 13Page - Linear Technology LT1396_15 Datasheet HTML 14Page - Linear Technology LT1396_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1395/LT1396/LT1397
11
139567fd
operation, it is important to keep the EN pin at least 3V
below the V+ supply. If a V+ of less than 3V is desired,
and the amplifier will remain enabled at all times, then
the EN pin should be tied to the Vsupply. The enable pin
current is approximately 30μA when activated. If using
CMOS open-drain logic, an external 1k pull-up resistor
is recommended to ensure that the LT1395CS6 remains
disabled in spite of any CMOS drain leakage currents.
The enable/disable times are very fast when driven from
standard 5V CMOS logic. The LT1395CS6 enables in about
30ns (50% point to 50% point) while operating on ±5V
supplies (Figure 2). Likewise, the disable time is approxi-
mately 40ns (50% point to 50% point) (Figure 3).
APPLICATIONS INFORMATION
Figure 4. Buffered RGB to Color-Difference Matrix
A2
1/4 LT1397
A3
1/4 LT1397
+
A1
1/4 LT1397
R7
255Ω
R6
127Ω
R5
255Ω
R10
2320Ω
R9
432Ω
R11
82.5Ω
R
G
B
R12
90.9Ω
R13
76.8Ω
ALL RESISTORS 1%
VS = ±5V
R8
845Ω
75Ω
SOURCES
R1
255Ω
R2
255Ω
R4
255Ω
R3
255Ω
B-Y
Y
R-Y
1395/6/7 F04
A4
1/4 LT1397
Differential Input Signal Swing
To avoid any breakdown condition on the input transis-
tors, the differential input swing must be limited to ± 5V.
In normal operation, the differential voltage between the
input pins is small, so the ±5V limit is not an issue.
Buffered RGB to Color-Difference Matrix
An LT1397 can be used to create buffered color-difference
signals from RGB inputs (Figure 4). In this application,
the R input arrives via 75Ω coax. It is routed to the non-
inverting input of LT1397 amplifier A1 and to a 845Ω
resistor R8. There is also an 82.5Ω termination resistor
R11, which yields a 75Ω input impedance at the R input
when considered in parallel with R8. R8 connects to
the inverting input of a second LT1397 amplifier (A2),
which also sums the weighted G and B inputs to create a
–0.5 • Y output. LT1397 amplifier A3 then takes the
–0.5 • Y output and amplifies it by a gain of –2, resulting
in the Y output. Amplifier A1 is configured in a noninvert-
ing gain of 2 with the bottom of the gain resistor R2 tied
to the Y output. The output of amplifier A1 thus results
in the color-difference output R-Y.
The B input is similar to the R input. It arrives via 75Ω
coax, and is routed to the noninverting input of LT1397
amplifier A4, and to a 2320Ω resistor R10. There is also
a 76.8Ω termination resistor R13, which yields a 75Ω
VS = ±5V
VIN = 1V
RF = 255Ω
RG = 255Ω
RL = 100Ω
1395/6/7 F02
OUTPUT
EN
VS = ±5V
VIN = 1V
RF = 255Ω
RG = 255Ω
RL = 100Ω
1395/6/7 F03
OUTPUT
EN
Figure 2. Amplifier Enable Time, AV = 2
Figure 3. Amplifier Disable Time, AV = 2


Similar Part No. - LT1396_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1396CDD LINER-LT1396CDD Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD-PBF LINER-LT1396CDD-PBF Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD-TR LINER-LT1396CDD-TR Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD-TRPBF LINER-LT1396CDD-TRPBF Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CMS8 LINER-LT1396CMS8 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
More results

Similar Description - LT1396_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
Intersil Corporation
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
   Quad Gray Scale Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com