Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0037B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0037B
Description  Avalanche Rated N-channel MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0037B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0037B_15 Datasheet HTML 1Page - Solid States Devices, Inc FT0037B_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0037B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF116N10 ___ ___
____
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Option 3/
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package 3/ 4/
M = TO-254
Z = TO-254Z
SFF116N10M
SFF116N10Z
116 AMP , 100 Volts, 15 mΩ
Avalanche Rated N-channel
MOSFET
Features:
Rugged poly-Si gate
Lowest ON-resistance in the industry
Avalanche rated
Hermetically Sealed, Isolated Package
Low Total Gate Charge
Fast Switching
TX, TXV, S-Level screening available
Improved (RDS(ON) QG) figure of merit
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
100
V
Gate – Source Voltage
continuous
transient
VGS
±20
±30
V
Max. Continuous Drain Current (package
limited)
@ TC = 25ºC
ID1
55
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
@ TC = 175ºC
ID2
ID3
116
80
A
Max. Avalanche current
@ L= 0.1 mH
IAR
60
A
Single and Repetitive Avalanche Energy
@ L= 0.1 mH
EAS
EAR
2500
80
mJ
Total Power Dissipation
@ TC = 25ºC
PD
150
W
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
1.0
(typ.0.75)
ºC /W
NOTES:
TO-254
TO-254Z
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ For package outlines / lead bending options / pinout
configurations - contact factory.
4/ Maximum current limited by package configuration
5/ Unless otherwise specified, all electrical characteristics
@25
oC.


Similar Part No. - FT0037B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
   Avalanche Rated N-channel MOSFET
More results

Similar Description - FT0037B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0028 SSDI-FT0028 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0044A SSDI-FT0044A Datasheet
145Kb / 2P
   Avalanche Rated N-channel MOSFET
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
   Avalanche Rated N-channel MOSFET
SFF44N50M SSDI-SFF44N50M Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF75N10B SSDI-SFF75N10B_1 Datasheet
125Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0030 SSDI-FT0030_15 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF23N60M SSDI-SFF23N60M Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF44N50S1 SSDI-SFF44N50S1 Datasheet
161Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0038C SSDI-FT0038C Datasheet
158Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0031C SSDI-FT0031C_15 Datasheet
161Kb / 2P
   Avalanche Rated N-channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com