Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1313 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 3 Page - Linear Technology

  LT1313 Datasheet HTML 1Page - Linear Technology LT1313 Datasheet HTML 2Page - Linear Technology LT1313 Datasheet HTML 3Page - Linear Technology LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1313
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
(0V or Hi-Z Mode)
SUPPLY VOLTAGE (V)
0
60
80
100
20
LT1313 G1
40
20
0
5
10
15
25
TJ = 25°C
BOTH CHANNELS PROGRAMMED TO 0V
OR BOTH CHANNELS PROGRAMMED TO Hi-Z
SUPPLY VOLTAGE (V)
0
150
200
250
20
1313 G03
100
50
0
5
10
15
25
TJ = 25°C
ONE CHANNEL PROGRAMMED TO
VPP = VCC. OTHER CHANNEL IN
0V OR Hi-Z MODE
RL =
VSENSE = 5V
VSENSE = 3.3V
Ground Pin Current (5V Mode)
Ground Pin Current (12V Mode)
Ground Pin Current
Current Limit
INPUT VOLTAGE (V)
0
300
400
500
15
25
1313 G08
200
100
0
510
20
600
700
800
TJ = 25°C
XVPPOUT = 0V
SINGLE CHANNEL
Current Limit
JUNCTION TEMPERATURE (°C)
0
600
500
400
300
200
100
0
25
50
75
100
1313 G09
125
VS = 15V
XVPPOUT = 0V
SINGLE CHANNEL
SUPPLY VOLTAGE (V)
0
2.5
2.0
1.5
1.0
0.5
0
20
1313 G06
5
10
15
25
TJ = 25°C
3.3V MODE
SINGLE OUTPUT
VSENSE = 3.3V
RL = 110Ω
IL = 30mA*
*FOR VPPOUT = 3.3V
RL = 330Ω
IL = 10mA*
SUPPLY VOLTAGE (V)
0
2.5
2.0
1.5
1.0
0.5
0
20
1313 G05
5
10
15
25
TJ = 25°C
5V MODE
SINGLE OUTPUT
VSENSE = 5V
RL = 167Ω
IL = 30mA*
*FOR VPPOUT = 5V
RL = 500Ω
IL = 10mA*
Ground Pin Current (3.3V Mode)
Quiescent Current (3.3V/ 5V Mode)
Quiescent Current (12V Mode)
SUPPLY VOLTAGE (V)
0
300
400
500
20
1313 G02
200
100
0
5
10
15
25
TJ = 25°C
ONE CHANNEL PROGRAMMED TO 12V
OTHER CHANNEL IN 0V OR Hi-Z MODE
RL =
SUPPLY VOLTAGE (V)
0
10
8
6
4
2
0
20
1313 G04
5
10
15
25
TJ = 25°C
12V MODE
SINGLE OUTPUT
RL = 200Ω
IL = 60mA*
*FOR VPPOUT = 12V
RL = 400Ω
IL = 30mA*
RL = 100Ω
IL = 120mA*
OUTPUT CURRENT (mA)
0
160
1313 G07
40
80
120
16
14
12
10
8
6
4
2
0
20
60
100
140
TJ = 25°C
VS = 15V
SINGLE CHANNEL


Similar Part No. - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
229Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
LT1313 LINER-LT1313_15 Datasheet
229Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
More results

Similar Description - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313_15 Datasheet
229Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
   Single PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
   Single PCMCIA VPP Driver/Regulator
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com