Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1801
Description  Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801 Datasheet(HTML) 3 Page - Linear Technology

  LT1801_15 Datasheet HTML 1Page - Linear Technology LT1801_15 Datasheet HTML 2Page - Linear Technology LT1801_15 Datasheet HTML 3Page - Linear Technology LT1801_15 Datasheet HTML 4Page - Linear Technology LT1801_15 Datasheet HTML 5Page - Linear Technology LT1801_15 Datasheet HTML 6Page - Linear Technology LT1801_15 Datasheet HTML 7Page - Linear Technology LT1801_15 Datasheet HTML 8Page - Linear Technology LT1801_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1801/LT1802
3
18012fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
VCM = 0V (MS8)
VCM = 0V (DD)
VCM = VS
75
140
175
0.5
350
500
800
3
μV
μV
μV
mV
ΔVOS
Input Offset Shift
VCM = 0V to VS – 1.5V
20
185
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 9)
VCM = 0V
VCM = 0V (MS8)
VCM = 0V (DD)
100
150
280
650
900
1200
μV
μV
μV
IB
Input Bias Current
VCM = 1V
VCM = VS
25
500
250
1500
nA
nA
Input Bias Current Match
(Channel-to-Channel) (Note 9)
VCM = 1V
VCM = VS
25
25
350
500
nA
nA
IOS
Input Offset Current
VCM = 1V
VCM = VS
25
25
200
200
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1.4
μVP-P
en
Input Noise Voltage Density
f = 10kHz
8.5
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/√Hz
CIN
Input Capacitance
2pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω at VS/2
VS = 3V, VO = 0.5V to 2.5V, RL = 1k at VS/2
35
3.5
30
85
8
85
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
VS = 3V, VCM = 0V to 1.5V
85
78
105
97
dB
dB
CMRR Match (Channel-to-Channel) (Note 9) VS = 5V, VCM = 0V to 3.5V
VS = 3V, VCM = 0V to 1.5V
79
72
105
97
dB
dB
Input Common Mode Range
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
78
97
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS = 2.5V to 10V, VCM = 0V
72
97
dB
Minimum Supply Voltage (Note 6)
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
16
85
225
60
200
500
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
18
120
450
60
250
800
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
20
20
45
40
mA
mA
IS
Supply Current per Amplifier
1.6
2
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
40
80
MHz
SR
Slew Rate
VS = 5V, AV = – 1, RL = 1k, VO = 1V to 4V
12.5
25
V/μs
FPBW
Full Power Bandwidth
VS = 5V, AV = 1, VO = 4VP-P
2MHz
HD
Harmonic Distortion
VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 500kHz
–75
dBc
tS
Settling Time
0.01%, VS = 5V, VSTEP = 2V, AV = 1, RL = 1k
250
ns
ΔG
Differential Gain (NTSC)
VS = 5V, AV = 2, RL = 150Ω
0.35
%
Δθ
Differential Phase (NTSC)
VS = 5V, AV = 2, RL = 150Ω
0.4
Deg
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.


Similar Part No. - LT1801_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1801CDD LINER-LT1801CDD Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801CMS8 LINER-LT1801CMS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801CS8 LINER-LT1801CS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801IDD LINER-LT1801IDD Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801IMS8 LINER-LT1801IMS8 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1801_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com