Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1804 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1804
Description  Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1804 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1804_15 Datasheet HTML 7Page - Linear Technology LT1804_15 Datasheet HTML 8Page - Linear Technology LT1804_15 Datasheet HTML 9Page - Linear Technology LT1804_15 Datasheet HTML 10Page - Linear Technology LT1804_15 Datasheet HTML 11Page - Linear Technology LT1804_15 Datasheet HTML 12Page - Linear Technology LT1804_15 Datasheet HTML 13Page - Linear Technology LT1804_15 Datasheet HTML 14Page - Linear Technology LT1804_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1803/LT1804/LT1805
180345f
TOTAL SUPPLY VOLTAGE (V)
0
120
100
80
60
60
50
40
30
180345 G21
2
10
9
8
7
6
5
1
34
GAIN BANDWIDTH
PRODUCT
PHASE MARGIN
TA = 25°C
TEMPERATURE (
°C)
–50
100
75
50
25
120
100
80
60
40
60
50
40
30
20
180345 G22
0
–25
125
–50
100
75
50
25
0
–25
125
GAIN BANDWIDTH
PHASE MARGIN
VS = ±2.5V
VS = ±2.5V
VS = ±5V
VS = ±5V
TEMPERATURE (
°C)
110
100
90
80
70
60
50
40
180345 G23
VS = ±2.5V
VS = ±5V
AV = –1
RF = RG = 1k
RL = 1k
FREQUENCY (MHz)
120
100
80
60
40
20
0
–20
–40
60
80
100
120
140
160
180
200
220
0.01
1
10
300
180345 G24
0.1
100
FREQUENCY (MHz)
1
10
300
180345 G25
0.1
100
30
24
18
12
6
0
–6
–12
–18
–24
–30
FREQUENCY (MHz)
1
10
300
180345 G26
0.1
100
30
24
18
12
6
0
–6
–12
–18
–24
–30
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0.001
0.1
10
100
1000
180345 G27
1
AV = 10
AV = 1
TIME (SECONDS)
0
1
357
9
6
4
2
0
–2
–4
–6
246
8
180345 G20
10
VS = 5V, 0V
FREQUENCY (kHz)
0.01
1
100
8
7
6
5
4
3
2
1
0
180345 G19
0.1
10
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
AV = 2
VS = ±2.5V
VS = ±5V
CL = 10pF
RL = 100Ω
AV = 1
VS = ±2.5V
VS = ±5V
CL = 10pF
RL = 100Ω
AV = 2
VS = ±2.5V
PHASE
GAIN
TA = 25°C
CL = 5pF
RL = 1k
VS = ±5V
VS = ±2.5V
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Slew Rate vs Temperature
Gain and Phase vs Frequency
Gain vs Frequency (AV = 1)
Gain vs Frequency (AV = 2)
Output Impedance vs Frequency
Input Current Noise
vs Frequency
0.1Hz to 10Hz Voltage Noise


Similar Part No. - LT1804_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1804CDD LINER-LT1804CDD Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804CS8 LINER-LT1804CS8 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804IDD LINER-LT1804IDD Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804IS8 LINER-LT1804IS8 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1804_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com