Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1810 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1810
Description  Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1810_15 Datasheet HTML 2Page - Linear Technology LT1810_15 Datasheet HTML 3Page - Linear Technology LT1810_15 Datasheet HTML 4Page - Linear Technology LT1810_15 Datasheet HTML 5Page - Linear Technology LT1810_15 Datasheet HTML 6Page - Linear Technology LT1810_15 Datasheet HTML 7Page - Linear Technology LT1810_15 Datasheet HTML 8Page - Linear Technology LT1810_15 Datasheet HTML 9Page - Linear Technology LT1810_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1809/LT1810
6
180910fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = Vto V+
VS = 3V, VCM = Vto V+
l
l
63
58
80
75
dB
dB
CMRR Match (Channel-to-Channel) (Note 10)
VS = 5V, VCM = Vto V+
VS = 3V, VCM = Vto V+
l
l
57
52
78
72
dB
dB
Input Common Mode Range
l
V
V+
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
l
69
83
dB
PSRR Match (Channel-to-Channel) (Note 10)
VS = 2.5V to 10V, VCM = 0V
l
63
83
dB
Minimum Supply Voltage (Note 6)
l
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 25mA
l
l
l
18
60
210
70
150
450
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
l
l
l
55
120
375
130
240
750
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
l
l
±30
±25
±70
±60
mA
mA
IS
Supply Current per Amplifier
l
15
21
mA
Supply Current, Shutdown
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
l
l
0.58
0.35
1.5
1.2
mA
mA
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
420
220
900
600
μA
μA
Output Leakage Current, Shutdown
VSHDN = 0.3V
3μA
VL
SHDN Pin Input Voltage Low
0.3
V
VH
SHDN Pin Input Voltage High
VS – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
140
MHz
SR
Slew Rate
VS = 5V, AV = -1, RL = 1k, VO = 4VP-P
180
V/μs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
14
MHz
The
l denotes the specifications which apply over the – 40°C ≤ TA ≤ 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted. (Note 5)
TA = 25°C. VS = ± 5V, VSHDN = open, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
LT1809 SO-8
VCM = V
LT1809 SO-8
VCM = V+
VCM = V
0.8
0.8
0.8
0.8
3.0
3.0
3.5
3.5
mV
mV
mV
mV
ΔVOS
Input Offset Voltage Shift
VCM = Vto V+
LT1809 SO-8
VCM = Vto V+
0.35
0.35
2.5
3.0
mV
mV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = V+, VCM = V
16
mV
IB
Input Bias Current
VCM = V +
VCM = V+ 0.2V
–30
2
–12.5
10
μA
μA


Similar Part No. - LT1810_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810CMS8 LINER-LT1810CMS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810CS8 LINER-LT1810CS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810IMS8 LINER-LT1810IMS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810IS8 LINER-LT1810IS8 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1810_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809_1 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com