Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-01K5UV3WC-2A2 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-01K5UV3WC-2A2
Description  Specifications are subject to change without notice
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-01K5UV3WC-2A2 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-01K5UV3WC-2A2 Datasheet HTML 1Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 2Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 3Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 4Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 5Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 6Page - A-BRIGHT Inc AL-01K5UV3WC-2A2 Datasheet HTML 7Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A
AA---B
BBR
RRIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-01K5UV3WC-2A2
Spec No.
245
Page
3 of 7
Electrical Optical Characteristics at Ta=25℃
Parameter
BIN
Symbol
Min.
Typ.
Max.
Unit
Test Condition
S9
580
---
620
S10
620
---
660
S11
660
---
700
S12
700
---
740
Power Consumption
S13
Radiometric
Power
740
---
780
mW
IF=500mA
Forward Voltage
VF
3
---
4
V
IF=500mA
Peak Wavelength
λ
p
390
---
400
nm
IF=500mA
Spectra Half Widh
∆λ
12
---
25
nm
IF=500mA
Reverse Current
IR
---
---
2
µA
IF=500mA
Emission Angle
2θ1/2
---
120
---
Deg
IF=500mA


Similar Part No. - AL-01K5UV3WC-2A2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01K5UV3WC-1A2 A-BRIGHT-AL-01K5UV3WC-1A2 Datasheet
300Kb / 7P
   Specifications are subject to change without notice
AL-01K5UV3WC-3A2 A-BRIGHT-AL-01K5UV3WC-3A2 Datasheet
299Kb / 7P
   Specifications are subject to change without notice
More results

Similar Description - AL-01K5UV3WC-2A2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01CEW03WC-A2 A-BRIGHT-AL-01CEW03WC-A2 Datasheet
239Kb / 5P
   Specifications are subject to change without notice
AL-01CESW1WCP-A2 A-BRIGHT-AL-01CESW1WCP-A2 Datasheet
657Kb / 11P
   Specifications are subject to change without notice
AL-01CEW01WCP-A2 A-BRIGHT-AL-01CEW01WCP-A2 Datasheet
788Kb / 13P
   Specifications are subject to change without notice
AL-01K5UV3WC-1A2 A-BRIGHT-AL-01K5UV3WC-1A2 Datasheet
300Kb / 7P
   Specifications are subject to change without notice
AL-01CEUV3WC-4A2 A-BRIGHT-AL-01CEUV3WC-4A2 Datasheet
311Kb / 7P
   Specifications are subject to change without notice
AL-01K5UV3WC-3A2 A-BRIGHT-AL-01K5UV3WC-3A2 Datasheet
299Kb / 7P
   Specifications are subject to change without notice
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com