Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1317BCS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1317BCS8
Description  Micropower, 600kHz PWM DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317BCS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1317BCS8 Datasheet HTML 7Page - Linear Technology LT1317BCS8 Datasheet HTML 8Page - Linear Technology LT1317BCS8 Datasheet HTML 9Page - Linear Technology LT1317BCS8 Datasheet HTML 10Page - Linear Technology LT1317BCS8 Datasheet HTML 11Page - Linear Technology LT1317BCS8 Datasheet HTML 12Page - Linear Technology LT1317BCS8 Datasheet HTML 13Page - Linear Technology LT1317BCS8 Datasheet HTML 14Page - Linear Technology LT1317BCS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1317/LT1317B
APPLICATIONS INFORMATION
Single Li-Ion Cell to 3.3V SEPIC Converter
TYPICAL APPLICATIO S
LOW-BATTERY DETECTOR
The LT1317’s low-battery detector is a simple PNP input
gain stage with an open collector NPN output. The nega-
tive input of the gain stage is tied internally to a 200mV
±5% reference. The positive input is the LBI pin. Arrange-
ment as a low-battery detector is straightforward.
Figure 11 details hookup. R1 and R2 need only be low
enough in value so that the bias current of the LBI pin
doesn’t cause large errors. For R2, 100k is adequate. The
200mV reference can also be accessed as shown in
Figure 12. The low-battery detector remains active in
shutdown.
Figure 12. Accessing 200mV Reference
VIN
LT1317
LBI
LBO
200k
10
µF
GND
10k
1317 F12
2N3906
VREF
200mV
+
LBO
LBI
TO PROCESSOR
R1
1M
R2
100k
VIN
LT1317
1317 F11
3.3V
GND
200mV
INTERNAL
REFERENCE
+
R1 =
VLB – 200mV
2
µA
Figure 11. Setting Low-Battery Detector Trip Point
3.3V SEPIC Efficiency
VIN
SW
FB
LT1317
L1A*
C3
1
µF
L1B*
MBR0520
SHDN
33k
604k
1%
VOUT
3.3V
250mA
1M
1%
3300pF
1317 TA03
C1, C2: AVX TPSC476M010
C3: AVX 1206YC106KAT
* COILTRONICS CTX20-1
VC
GND
SINGLE
Li-ION
CELL
(2.7V TO
4.2V)
C1
47
µF
+
C2
47
µF
+
LOAD CURRENT (mA)
1
80
75
70
65
60
55
50
10
100
1000
1317 TA03a
VIN = 4.2V
VIN = 3.5V
VIN = 2.7V


Similar Part No. - LT1317BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317B LINER-LT1317B Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1317B LINER-LT1317B Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results

Similar Description - LT1317BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com