Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5511 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5511
Description  High Signal Level Upconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5511 Datasheet(HTML) 3 Page - Linear Technology

  LT5511_15 Datasheet HTML 1Page - Linear Technology LT5511_15 Datasheet HTML 2Page - Linear Technology LT5511_15 Datasheet HTML 3Page - Linear Technology LT5511_15 Datasheet HTML 4Page - Linear Technology LT5511_15 Datasheet HTML 5Page - Linear Technology LT5511_15 Datasheet HTML 6Page - Linear Technology LT5511_15 Datasheet HTML 7Page - Linear Technology LT5511_15 Datasheet HTML 8Page - Linear Technology LT5511_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5511
3
5511i
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1.9GHz Application: (Test Circuit Shown in Figure 3) VCC = 5VDC, EN = High, TA = 25°C, IF Input = 50MHz at –5dBm, LO Input = 1.95GHz at –10dBm,
RF Output Measured at 1900MHz, unless otherwise noted. (Notes 3, 4)
IF Input Return Loss
With External Matching, ZO = 50Ω
14
dB
LO Input Power
–15 to –5
dBm
LO Input Return Loss
With External Matching, ZO = 50Ω
11.5
dB
RF Output Return Loss
With External Matching, ZO = 50Ω
11.5
dB
Conversion Gain
–0.7
dB
LO to RF Leakage
–47
dBm
Input 1dB Compression
5.2
dBm
Input 3rd Order Intercept
Two-Tone, –5dBm/Tone,
∆f = 1MHz
15.5
dBm
Input 2nd Order Intercept
Single-Tone, –5dBm
51
dBm
SSB Noise Figure
14
dB
Power Supply Requirements: VCC = 5VDC, EN = High, TA = 25°C, unless otherwise noted.
Supply Voltage
4.0 to 5.25
VDC
Supply Current
56
65
mA
Shutdown Current (Chip Disabled)
EN = Low
1
30
µA
Enable Mode Threshold
EN = High
3
VDC
Disable Mode Threshold
EN = Low
0.5
VDC
Turn ON Time (Note 5)
2
µs
Turn OFF Time (Note 5)
6
µs
Enable Input Current
EN = 5V
1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: External components on the final test circuit are optimized for
operation at fRF = 950MHz, fLO = 1GHz and fIF = 50MHz (Figure 2).
Note 3: Specifications over the – 40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: External components on the final test circuit are optimized for
operation at fRF = 1900MHz, fLO = 1.95GHz and fIF = 50MHz (Figure 3).
Note 5: Turn On and Turn Off times are based on rise and fall times of RF
output envelope from full power to –40dBm with an IF input power of
–5dBm.
Note 6: Part can be used over a broader range of operating frequencies.
Consult factory for applications assistance.


Similar Part No. - LT5511_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5511EFE LINER-LT5511EFE Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
More results

Similar Description - LT5511_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
TriQuint Semiconductor
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com