Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5512 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5512
Description  1kHz-3GHz High Signal Level Active Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5512 Datasheet(HTML) 1 Page - Linear Technology

  LT5512_15 Datasheet HTML 1Page - Linear Technology LT5512_15 Datasheet HTML 2Page - Linear Technology LT5512_15 Datasheet HTML 3Page - Linear Technology LT5512_15 Datasheet HTML 4Page - Linear Technology LT5512_15 Datasheet HTML 5Page - Linear Technology LT5512_15 Datasheet HTML 6Page - Linear Technology LT5512_15 Datasheet HTML 7Page - Linear Technology LT5512_15 Datasheet HTML 8Page - Linear Technology LT5512_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5512
1
5512fa
1kHz-3GHz High Signal Level
Active Mixer
The LT®5512 is an active double-balanced mixer IC, op-
timized for high linearity HF, VHF and UHF applications.
The IC includes an integrated LO buffer amplifier to drive
the mixer and an RF buffer amplifier for improved LO-RF
isolation. Internal bias circuits eliminate the need for
precision external resistors and allow the device to be
powered-down using the enable control (EN) pin.
The externally matched RF and IF ports allow the mixer
to be used at very low frequencies, below 1MHz or up to
3GHz. The differential LO input is designed for single-ended
or a differential input drive.
The LT5512 is a high-linearity alternative to passive diode
mixers. Unlike passive mixers, which have conversion
loss and require high LO drive levels, the LT5512 deliv-
ers conversion gain and requires significantly lower LO
drive levels.
HF/VHF/UHF Mixer
Cellular/PCS/UMTS Infrastructure
High Linearity Mixer Applications
ISM Band Receivers
Wireless Medical Telemetry System (WMTS)
Broadband RF, LO and IF Operation
High Input IP3: >20dBm from 30MHz to 900MHz
+17dBm at 1900MHz
Typical Conversion Gain: 1dB
SSB Noise Figure: 11dB at 900MHz
14dB at 1900MHz
Integrated LO Buffer: Insensitive to LO Drive Level
Single-Ended or Differential LO Drive
High LO-RF Isolation
Enable Function
4.5V to 5.25V Supply Voltage Range
4mm
× 4mm QFN Package
High Signal-Level Downmixer for 600MHz Wireless Medical Telemetry System
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5512 TA01
RF
+
RF–
LO
+
LO–
IF
+
IF–
8:1
LT5512
1.8pF
0.01
µF
0.01
µF
0.01
µF
IFOUT
45MHz
50
BIAS
1
µF
6.8nH
6.8pF
6.8nH
47nH
EN
5V
VCC
4.5V TO 5.25V
6.8pF
RFIN
608MHz
TO 614MHz
50
LOIN
–5dBm TYP
100
EN VCC2
VCC1
LO POWER (dBm)
–11
1
5
9
13
–9
–7
–5
–3
5512 TA01a
–1
17
21
–80
–60
–40
–20
0
20
3
7
11
15
19
1
GC
IIP3
SSB NF
LO-IF
LO-RF
TA = 25°C
RF = 610MHz
HIGH-SIDE LO
IF = 45MHz
Conv Gain, IIP3, NF and
LO Leakage vs LO Power


Similar Part No. - LT5512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5512 LINER-LT5512 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5512 LINER-LT5512 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5512 LINER-LT5512 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LT5512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
logo
Zarlink Semiconductor I...
SL6440 ZARLINK-SL6440 Datasheet
112Kb / 5P
   HIGH LEVEL MIXER
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
   Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com