Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5512 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5512
Description  1kHz-3GHz High Signal Level Active Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5512 Datasheet(HTML) 3 Page - Linear Technology

  LT5512_15 Datasheet HTML 1Page - Linear Technology LT5512_15 Datasheet HTML 2Page - Linear Technology LT5512_15 Datasheet HTML 3Page - Linear Technology LT5512_15 Datasheet HTML 4Page - Linear Technology LT5512_15 Datasheet HTML 5Page - Linear Technology LT5512_15 Datasheet HTML 6Page - Linear Technology LT5512_15 Datasheet HTML 7Page - Linear Technology LT5512_15 Datasheet HTML 8Page - Linear Technology LT5512_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5512
3
5512fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: 45MHz, 140MHz and 450MHz performance measured on the test
circuit shown in Figure 1. 900MHz, 1900MHz and 2450MHz performance
measured on the test circuit shown in Figure 2.
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 45MHz, IF = 2MHz
RF = 140MHz, IF = 10MHz
RF = 450MHz, IF = 70MHz
RF = 900MHz, IF = 170MHz
RF = 1900MHz, IF = 170MHz
RF = 2450MHz, IF = 240MHz
–1
1
2
1.1
0
1
2
dB
dB
dB
dB
dB
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C, RF = 900MHz
–0.011
dB/°C
Input 3rd Order Intercept
RF = 45MHz, IF = 2MHz
RF = 140MHz, IF = 10MHz
RF = 450MHz, IF = 70MHz
RF = 900MHz, IF = 170MHz
RF = 1900MHz, IF = 170MHz
RF = 2450MHz, IF = 240MHz
20.4
20.7
21.3
21
17
13
dBm
dBm
dBm
dBm
dBm
dBm
Single-Sideband Noise Figure
RF = 140MHz, IF = 10MHz
RF = 450MHz, IF = 70MHz
RF = 900MHz, IF = 170MHz
RF = 1900MHz, IF = 170MHz
RF = 2450MHz, IF = 240MHz
10.3
10.3
11
14
13.4
dB
dB
dB
dB
dB
LO to RF Leakage
fLO = 250kHz to 700MHz (Figure 1)
fLO = 700MHz to 2500MHz (Figure 2)
≤–63
≤–50
dBm
dBm
LO to IF Leakage
fLO = 250kHz to 500MHz (Figure 1)
fLO = 500MHz to 1250MHz (Figure 1)
fLO = 700MHz to 1500MHz (Figure 2)
fLO = 1500MHz to 1950MHz (Figure 2)
fLO = 1950MHz to 2500MHz (Figure 2)
≤–35
≤–40
≤–45
≤–40
≤–32
dBm
dBm
dBm
dBm
dBm
RF to LO Isolation
fRF = 250kHz to 800MHz (Figure 1)
fRF = 700MHz to 1200MHz (Figure 2)
fRF = 1200MHz to 1700MHz (Figure 2)
fRF = 1700MHz to 2500MHz (Figure 2)
>61
>49
>46
>43
dB
dB
dB
dB
2RF-2LO Output Spurious Product
(fRF = fLO + fIF/2)
900MHz: fRF = 815MHz at –12dBm, fIF = 170MHz
1900MHz: fRF = 1815MHz at –12dBm, fIF = 170MHz
–66
–59
dBc
dBc
3RF-3LO Output Spurious Product
(fRF = fLO + fIF/3)
900MHz: fRF = 786.67MHz at –12dBm, fIF = 170MHz
1900MHz: fRF = 1786.67MHz at –12dBm, fIF = 170MHz
–83
–58
dBc
dBc
Input 1dB Compression
RF = 10MHz to 500MHz (Figure 1)
RF = 900MHz (Figure 2)
RF = 1900MHz (Figure 2)
10.5
10.1
6.2
dBm
dBm
dBm
Note 3: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
control.
Note 4: SSB Noise Figure measurements performed with a small-signal
noise source and bandpass filter on RF input and no other RF signal
applied.
Downmixer Applications: (Test Circuits Shown in Figures 1 and 2)
VCC = 5V, EN = High, TA = 25°C, PRF = –10dBm (–10dBm/tone for two-tone IIP3 tests, Δf = 200kHz), High-Side LO at –5dBm for 45MHz,
140MHz and 450MHz tests, Low-Side LO at –10dBm for 900MHz, 1900MHz and 2450MHz tests, unless otherwise noted.
(Note 2, 3 and 4)


Similar Part No. - LT5512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5512 LINER-LT5512 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5512 LINER-LT5512 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5512 LINER-LT5512 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LT5512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
logo
Zarlink Semiconductor I...
SL6440 ZARLINK-SL6440 Datasheet
112Kb / 5P
   HIGH LEVEL MIXER
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
   Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com