Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5528 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 5 Page - Linear Technology

  LT5528_15 Datasheet HTML 1Page - Linear Technology LT5528_15 Datasheet HTML 2Page - Linear Technology LT5528_15 Datasheet HTML 3Page - Linear Technology LT5528_15 Datasheet HTML 4Page - Linear Technology LT5528_15 Datasheet HTML 5Page - Linear Technology LT5528_15 Datasheet HTML 6Page - Linear Technology LT5528_15 Datasheet HTML 7Page - Linear Technology LT5528_15 Datasheet HTML 8Page - Linear Technology LT5528_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5528
5
5528f
2 • LO FREQUENCY (GHz)
2.6
–25
–30
–35
–40
–45
–50
–55
5528 G07
3.8
3.4
3.0
4.2
4.6
5.4
5.0
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
3 • LO FREQUENCY (GHz)
3.9
–30
–35
–40
–45
–50
–70
–65
–60
–55
5528 G08
5.7
5.1
4.5
6.3
6.9
8.1
7.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
LO FREQUENCY (GHz)
1.3
–36
–38
–40
–42
–44
–46
–54
–48
–50
–52
5528 G09
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
LO FREQUENCY (GHz)
1.3
–26
–28
–34
–32
–30
–36
–38
–40
–42
–44
–46
–48
5528 G10
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
LO FREQUENCY (GHz)
1.3
5528 G11
1.9
1.7
1.5
2.1
2.3
2.7
2.5
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
0.3
0.2
0.1
0
2 • LO Leakage to RF Output vs
2 • LO Frequency
3 • LO Leakage to RF Output vs
3 • LO Frequency
LO to RF Output Feed-Through vs
LO Frequency
Image Rejection vs LO Frequency
Absolute I/Q Gain Imbalance vs
LO Frequency
Absolute I/Q Phase Imbalance vs
LO Frequency
LO FREQUENCY (GHz)
1.3
5528 G12
1.9
1.7
1.5
2.1
2.3
2.7
2.5
5
4
3
2
1
0
4.5V, 25°C
5V, –40°C
5V, 25°C
5V, 85°C
5.5V, 25°C
VCC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz, PLO
= 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.525VDC, Baseband Input Frequency fBB = 2MHz, I&Q 90° shifted. fRF = fBB + fLO (upper
sideband selection). PRF, OUT = –10dBm (–10dBm/tone for 2-tone measurements), unless otherwise noted. (Note 3)
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT5528_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5528EUF LINER-LT5528EUF Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5528_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com