Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1332CG Datasheet(PDF) 6 Page - Linear Technology

Part # LT1332CG
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332CG Datasheet(HTML) 6 Page - Linear Technology

  LT1332CG Datasheet HTML 1Page - Linear Technology LT1332CG Datasheet HTML 2Page - Linear Technology LT1332CG Datasheet HTML 3Page - Linear Technology LT1332CG Datasheet HTML 4Page - Linear Technology LT1332CG Datasheet HTML 5Page - Linear Technology LT1332CG Datasheet HTML 6Page - Linear Technology LT1332CG Datasheet HTML 7Page - Linear Technology LT1332CG Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1332
PI FU CTIO S
capacitors work well in this application. When Vis
powered from an external supply, the filter capacitor can
be considerably smaller (C
≥ 0.1µF). Ceramic capacitors
work well under these conditions. Vshould be greater
than –13.2V and less than – 6.5V.
C: Commutating Capacitor Input. When the LT1332 is
used with a switching regulator, a charge pump capacitor
should be connected from the regulator’s switch pin to the
Cpin. Make the external capacitor 1
µF or larger with low
effective series resistance to maintain good charge pump
efficiency. Low ESR tantalum capacitors (ESR < 2
Ω) work
well in this application. The Cpin should be left open
when Vis powered from an external supply.
DRIVER IN: RS232 Driver Input Pins. Inputs are TTL/
CMOS compatible, with threshold set to 1.2V. Unused
inputs should not float; tie them to VCC.
DRIVER OUT: Driver Outputs at RS232 Voltage Levels.
Outputs are in a high impedance state when in SHUT-
DOWN mode, or VCC = 0V. Outputs are fully short-circuit
protected from V+ 30V to V+ – 30V with the power on,
off or SHUTDOWN. Typical breakdowns are
±45V.
Applying higher voltages will not damage the device if
the overdrive is moderately current limited. Although
the outputs are protected, short circuits on one output
can load the power supply generator and may disrupt
the signal levels of the other outputs. The driver outputs
are protected against ESD to
±10kV for human body
model discharges.
RX IN: Receiver Inputs. These pins accept RS232 level
signals (
±5V to ±30V) into a protected 5k terminating
resistor. The receiver inputs are protected against ESD to
±10kV for human body model discharges. Each receiver
provides 0.4V of hysteresis for noise immunity. The re-
ceiver thresholds are specified at VCC = 3V. When VCC
varies from 2V to 6V, the lower threshold increases
about 3V. Regardless of these shifts, the device provides
accurate data from valid RS232 input signals. A graph in
the performance characteristics section shows typical
changes in the thresholds. The active receiver (RXA, Pin
10, S Package) remains functional in SHUTDOWN.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance stage when in
SHUTDOWN mode to allow data line sharing. Outputs are
fully short-circuit protected to ground or VCC with the
power on, off or in SHUTDOWN mode. The active receiver
(RXA, Pin 15, S Package) remains functional in SHUT-
DOWN.
ESD PROTECTIO
ESD Test Circuit
The RS232 line inputs of the LT1332 have on-chip protec-
tion from ESD transients up to
±10kV. The protection
structures act to divert the static discharge safely to
system ground. In order for the ESD protection to function
effectively, the power supply and ground pins of the
LT1332 must be connected to ground through low imped-
ances. The power supply decoupling capacitors and charge
pump storage capacitors provide this low impedance in
normal applications of the circuit. The only constraint is
that low ESR capacitors must be used for bypassing and
charge storage. ESD testing must be done with pins VCC,
V +, V and GND shorted to ground or connected with low
ESR capacitors.
LT1332 • TC
LT1332
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
–12V
0.1
µF
0.1
µF
3V
RS232
LINE PINS
PROTECTED
TO ±10kV
C
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RXA IN
NC
V
GND
GND
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RXA OUT
RS232 ON/OFF
V+
3V VCC
0.1
µF
12V


Similar Part No. - LT1332CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1332 LINER-LT1332 Datasheet
837Kb / 8P
   Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
LT1332 LINER-LT1332_15 Datasheet
837Kb / 8P
   Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
More results

Similar Description - LT1332CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1332 LINER-LT1332_15 Datasheet
837Kb / 8P
   Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com