Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

317B Datasheet(PDF) 9 Page - Linear Technology

Part # 317B
Description  Micropower, 600kHz PWM DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

317B Datasheet(HTML) 9 Page - Linear Technology

Back Button 317B Datasheet HTML 5Page - Linear Technology 317B Datasheet HTML 6Page - Linear Technology 317B Datasheet HTML 7Page - Linear Technology 317B Datasheet HTML 8Page - Linear Technology 317B Datasheet HTML 9Page - Linear Technology 317B Datasheet HTML 10Page - Linear Technology 317B Datasheet HTML 11Page - Linear Technology 317B Datasheet HTML 12Page - Linear Technology 317B Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1317/LT1317B
Table 1. Inductors Suitable for Use with the LT1317
MAX
HEIGHT
PART
VALUE
DCR
MFR
(mm)
COMMENT
LQH3C100
10
µH
0.57
Murata-Erie
2.0
Smallest Size,
Limited Current
Handling
DO1608-103
10
µH
0.16
Coilcraft
3.0
CD43-100
10
µH
0.18
Sumida
3.2
CD54-100
10
µH
0.10
Sumida
4.5
Best Efficiency
CTX32CT-100
10
µH
0.50
Coiltronics
2.2
1210 Footprint
Capacitor Selection
Low ESR (Equivalent Series Resistance) capacitors should
be used at the output of the LT1317. For most applications
a solid tantalum in a C or D case size works well. Accept-
able capacitance values range from 10
µF to 330µF with
ESR falling between 0.1
Ω and 0.5Ω. If component size is
an issue, tantalum capacitors in smaller case sizes can be
used but they have high ESR and output voltage ripple may
reach unacceptable levels.
Ceramic capacitors are an alternative because of their
combination of small size and low ESR. A 10
µF ceramic
capacitor will work for some applications but the ex-
tremely low ESR of these capacitors may cause loop
stability problems. Compensation components will need
APPLICATIONS INFORMATION
to be adjusted to ensure a stable system for the entire input
voltage range. Figure 4 shows a 2V to 3.3V converter with
new values for RC and CC. Figure 5 details transient
response for this circuit. Also, ceramic caps are prone to
temperature effects and the designer must check loop
stability over the operating temperature range (see section
on Frequency Compensation).
Input bypass capacitor ESR is less critical and smaller
units may be used. If the input voltage source is physically
near the VIN pin (<5mm), a 10µF ceramic or a 10µF A case
tantalum is adequate.
Diodes
Most of the application circuits on this data sheet specify
the Motorola MBR0520L surface mount Schottky diode.
In lower current applications, a 1N4148 can be used,
although efficiency will suffer due to the higher forward
drop. This effect is particularly noticeable at low output
voltages. For higher voltage output applications, such as
LCD bias generators, the extra drop is a small percentage
of the output voltage so the efficiency penalty is small. The
low cost of the 1N4148 makes it attractive wherever it can
be used. In through hole applications the 1N5818 is the all
around best choice.
VIN
SW
FB
LT1317B
L1
10
µH
D1
SHDN
RC
20k
R2
604k
1%
VOUT
3.3V
R1
1M
1%
CC
1500pF
1317 F04
C1
10
µF
VIN
2V
C2
10
µF
CERAMIC
D1: MBR0520
L1: SUMIDA CD43-100
VC
GND
Figure 4. 2V to 3.3V Converter with a 10
µF Ceramic Output
Capacitor. RC and CC Have Been Adjusted to Give Optimum
Transient Response.
200
µs/DIV
1317 F05
VOUT
200mV/DIV
AC COUPLED
ILOAD
5mA TO
200mA
Figure 5. Transient Response for the Circuit of Figure 4.


Similar Part No. - 317B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
317B ONSEMI-317B Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
Hitachi Semiconductor
317B HITACHI-317B Datasheet
25Kb / 5P
   Variable Capacitance Diode for tuner
logo
Leshan Radio Company
317B LRC-317B Datasheet
46Kb / 2P
   Variable Capacitance Diode for Tuner
More results

Similar Description - 317B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com