Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1035 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1035
Description  Surface Mount Schottky Barrier Rectifi
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1035 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBRS1035 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1035 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS1035 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS1035 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.5
-
0.413
B
14.60
15.88
0.575
0.625
C
2.41
2.67
0.095
0.105
D
0.68
0.94
0.027
0.037
E
2.29
2.79
0.090
0.110
F
4.44
4.70
0.175
0.185
G
1.14
1.40
0.045
0.055
H
1.14
1.40
0.045
0.055
I
8.25
9.25
0.325
0.364
J
0.36
0.53
0.014
0.021
K
2.03
2.79
0.080
0.110
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1309055
Version: I13
MBRS1035 thru MBRS10150
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
16.9
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A
10.8
B8.3
Unit (inch)
0.425
F9.5
G2.5
MARKING DIAGRAM
C1.1
D3.5
E
0.327
0.043
0.138
0.665
0.374
0.098
0
100
200
300
400
500
600
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
MBRS1035-MBRS1045
MBRS1050-MBRS1060
MBRS1090-MBRS10150
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG


Similar Part No. - MBRS1035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1035 TSC-MBRS1035 Datasheet
167Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1035 TSC-MBRS1035 Datasheet
136Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Inchange Semiconductor ...
MBRS1035 ISC-MBRS1035 Datasheet
239Kb / 2P
   Schottky Barrier Rectifier
logo
Nantong Hornby Electron...
MBRS1035 HORNBY-MBRS1035 Datasheet
403Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRS1035CT TSC-MBRS1035CT Datasheet
109Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRS1035

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSD NIC-NSD Datasheet
347Kb / 5P
   Surface Mount Schottky Barrier Rectifi er Diode
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
   Schottky Barrier Rectifi er Chip Diode
logo
NIC-Components Corp.
NRD4004TR-5KF NIC-NRD4004TR-5KF Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
NRD NIC-NRD Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com