Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1535CT Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1535CT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1535CT Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBRS1535CT_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1535CT_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS1535CT_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS1535CT_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.5
-
0.413
B
14.60
15.88
0.575
0.625
C
2.41
2.67
0.095
0.105
D
0.68
0.94
0.027
0.037
E
2.29
2.79
0.090
0.110
F
4.44
4.70
0.175
0.185
G
1.14
1.40
0.045
0.055
H
1.14
1.40
0.045
0.055
I
8.25
9.25
0.325
0.364
J
0.36
0.53
0.014
0.021
K
2.03
2.79
0.080
0.110
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1309060
Version: J13
MBRS1535CT thru MBRS15150CT
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
16.9
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A
10.8
B8.3
Unit (inch)
0.425
F9.5
G2.5
MARKING DIAGRAM
C1.1
D3.5
E
0.327
0.043
0.138
0.665
0.374
0.098
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
MBRS1535CT-1545CT
MBRS1550CT-1560CT
MBRS1590CT-15150CT
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG


Similar Part No. - MBRS1535CT_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1535CT TSC-MBRS1535CT_1 Datasheet
207Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT_11 Datasheet
157Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT_13 Datasheet
268Kb / 4P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRS1535CT_14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com