Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS20100CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS20100CT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS20100CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS20100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRS20100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBRS2060CT
MBRS2060CT
MBRS2060CT
(TA=25℃ unless otherwise noted)
Document Number: D1307008
Version: J13
RATINGS AND CHARACTERISTICS CURVES
MBRS2035CT thru MBRS20150CT
Taiwan Semiconductor
MBRS2060CT RNG
RN
G
Green compound
MBRS2060CTHRN
H
RN
AEC-Q101 qualified
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
MBRS2060CT RN
RN
50 / Tube
Note 1: "xx" defines voltage from 35V (MBRS2035CT) to 150V (MBRS20150CT)
EXAMPLE
RN
Suffix "G"
D
2PAK
800 / 13" Paper reel
C0
D
2PAK
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
MBRS20xxCT
(Note 1)
Prefix "H"
0
5
10
15
20
25
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=75℃
TJ=125℃
TJ=25℃
MBRS2035CT-2045CT
MBRS2050CT-20150CT
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TJ=125℃
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
MBRS2035CT-2045CT
MBRS2050CT-2060CT
MBRS2090CT-20150CT


Similar Part No. - MBRS20100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS20100CT TSC-MBRS20100CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS20100CT TSC-MBRS20100CT Datasheet
168Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20100CT TSC-MBRS20100CT Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBRS20100CT HORNBY-MBRS20100CT Datasheet
260Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
MBRS20100CT THINKISEMI-MBRS20100CT Datasheet
777Kb / 2P
   20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
More results

Similar Description - MBRS20100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com