Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR360S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MUR360S
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR360S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MUR360S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR360S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MUR360S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MUR360S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MUR360S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART NO.
PART NO.
MUR360S
MUR360S
MUR360S
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405070
Version: F14
MUR305S thru MUR360S
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
SMC
850 / 7" Plastic reel
R6
SMC
3,000 / 13" Paper reel
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKING
MUR3xxS
(Note 1)
Prefix "H"
R7
Suffix "G"
MUR360S R7G
R7
G
Green compound
M6
SMC
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 50V (MUR305S) to 600V (MUR360S)
EXAMPLE
MUR360SHR7
H
R7
AEC-Q101 qualified
MUR360S R7
R7
0
1
2
3
4
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
0
10
20
30
40
50
60
70
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Half Sin Wave
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
MUR305S-320S
TJ=150℃
TJ=25℃
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
MUR340S-360S
TJ=150℃
TJ=25℃


Similar Part No. - MUR360S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR360S TSC-MUR360S Datasheet
578Kb / 2P
   3.0 APMS. Surface mount Ultrafast Power Rectifiers
MUR360S TSC-MUR360S Datasheet
263Kb / 4P
   3.0 AMPS. Surface Mount Ultrafast Power Rectifiers
MUR360SB TSC-MUR360SB Datasheet
414Kb / 5P
   3A, 400V - 600V High Efficient Surface Mount Rectifier
MUR360SBH TSC-MUR360SBH Datasheet
410Kb / 5P
   3A, 400V - 600V High Efficient Surface Mount Rectifier
MUR360SH TSC-MUR360SH Datasheet
456Kb / 6P
   3A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results

Similar Description - MUR360S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com