Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR310S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MUR310S
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR310S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MUR310S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR310S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MUR310S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MUR310S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MUR310S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
Document Number: DS_D1405070
Version: F14
MUR305S thru MUR360S
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 7 TYPICAL JUNCTION CAPACITANCE
MUR305S-320S
MUR340S-360S
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 5 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=150℃
MUR305S-320S
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=150℃
MUR340S-360S


Similar Part No. - MUR310S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MUR310S TSC-MUR310S Datasheet
578Kb / 2P
   3.0 APMS. Surface mount Ultrafast Power Rectifiers
MUR310SH TSC-MUR310SH Datasheet
456Kb / 6P
   3A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results

Similar Description - MUR310S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com