Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753036GC Datasheet(PDF) 9 Page - NEC

Part # UPD753036GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753036GC Datasheet(HTML) 9 Page - NEC

Back Button UPD753036GC Datasheet HTML 5Page - NEC UPD753036GC Datasheet HTML 6Page - NEC UPD753036GC Datasheet HTML 7Page - NEC UPD753036GC Datasheet HTML 8Page - NEC UPD753036GC Datasheet HTML 9Page - NEC UPD753036GC Datasheet HTML 10Page - NEC UPD753036GC Datasheet HTML 11Page - NEC UPD753036GC Datasheet HTML 12Page - NEC UPD753036GC Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
µPD753036, 753036(A)
Data Sheet U11353EJ4V0DS00
3.1 Port Pins (2/2)
Pin Name
Input/Output
Alternate
Function
8-bit
State after
I/O Circuit
Function
Access
Reset
Type Note 1
P60
Input/Output
KR0
Yes
Input
F -A
P61
KR1
P62
KR2
P63
KR3
P70
Input/Output
KR4
Input
F -A
P71
KR5
P72
KR6
P73
KR7
P80
Input/Output
TI1
No
Input
E -E
P81
TI2
P82
AN6
Y-B
P83
AN7
BP0
Output
S24
No
Note 2
H-A
BP1
S25
BP2
S26
BP3
S27
BP4
Output
S28
BP5
S29
BP6
S30
BP7
S31
Notes 1.
Circled characters indicate the Schmitt-trigger input.
2.
BP0 through BP7 select VLC1 as an input source.
However, the output levels change depending on the external circuit of BP0 through BP7 and VLC1.
Example
Because BP0 through BP7 are mutually connected inside the
µPD753036, the output levels
of BP0 through BP7 are determined by R1, R2, and R3.
Programmable 4-bit input/output port
(PORT6).
This port can be specified for input/output
bit-wise.
Connections of on-chip pull-up resistors
can be specified by software in 4-bit units.
4-bit input/output port (PORT7).
Connections of on-chip pull-up resistors
can be specified by software in 4-bit units.
4-bit input/output port (PORT8).
Connections of on-chip pull-up resistors
can be specified by software in 4-bit units.
1-bit output port (BIT PORT)
Also used for segment output pins.
PD753036
VLC1
R1
ON
ON
BP1
BP0
R2
R3
VDD
µ


Similar Part No. - UPD753036GC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753036 RENESAS-UPD753036 Datasheet
668Kb / 89P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD753036GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com