Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1371IR Datasheet(PDF) 11 Page - Linear Technology

Part # LT1371IR
Description  500kHz High Efficiency 3A Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371IR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1371IR Datasheet HTML 7Page - Linear Technology LT1371IR Datasheet HTML 8Page - Linear Technology LT1371IR Datasheet HTML 9Page - Linear Technology LT1371IR Datasheet HTML 10Page - Linear Technology LT1371IR Datasheet HTML 11Page - Linear Technology LT1371IR Datasheet HTML 12Page - Linear Technology LT1371IR Datasheet HTML 13Page - Linear Technology LT1371IR Datasheet HTML 14Page - Linear Technology LT1371IR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1371
APPLICATIO S I FOR ATIO
maximum output load current and will also be increased if
poor quality (high ESR) output capacitors are used. The
addition of a 0.0047
µF capacitor on the VC pin reduces
switching frequency ripple to only a few millivolts. A low
value for RC will also reduce VC pin ripple, but loop phase
margin may be inadequate.
Layout Considerations
For maximum efficiency, LT1371 switch rise and fall times
are made as short as possible. To prevent radiation and
high frequency resonance problems, proper layout of the
components connected to the switch node is essential. B
field (magnetic) radiation is minimized by keeping output
diode, Switch pin and output bypass capacitor leads as
short as possible. Figures 3, 4 and 5 show recommended
positions for these components. E field radiation is kept
low by minimizing the length and area of all traces con-
nected to the Switch pin. A ground plane should always be
used under the switcher circuitry to prevent interplane
coupling.
The high speed switching current path is shown schemati-
cally in Figure 6. Minimum lead length in this path is
essential to ensure clean switching and low EMI. The path
including the switch, output diode and output capacitor is
the only one containing nanosecond rise and fall times.
Keep this path as short as possible.
VIN
S/S
GND
FB
VSW
VC
NFB
CONNECT
GROUND PIN
AND TAB DIRECTLY
TO GROUND PLANE
C
D
KEEP PATH FROM
VSW, OUTPUT DIODE,
OUTPUT CAPACITORS
AND GROUND RETURN
AS SHORT AS POSSIBLE
C
LT1371 • F03
Figure 3. Layout Considerations— R Package
VIN
S/S
GND
FB
VSW
VC
NFB
CONNECT
GROUND PIN
AND TAB DIRECTLY
TO GROUND PLANE.
TAB MAY BE
SOLDERED OR
BOLTED TO
GROUND PLANE*
C
D
KEEP PATH FROM
VSW, OUTPUT DIODE,
OUTPUT CAPACITORS
AND GROUND RETURN
AS SHORT AS POSSIBLE
*SEE T7 PACKAGE LAYOUT CONSIDERATIONS FOR VERTICAL MOUNTING
OF THE T7 PACKAGE
C
LT1371 • F04
Figure 4. Layout Considerations— T7 Package
Figure 6
LOAD
VOUT
L1
SWITCH
NODE
LT1371 • F06
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
D
CONNECT ALL GROUND PINS TO GROUND PLANE
C
C
KEEP PATH FROM
VSW, OUTPUT DIODE,
OUTPUT CAPACITORS
AND GROUND RETURN
AS SHORT AS POSSIBLE
LT1371 • F05
VSW
NC
VSW
GND
GND
GND
GND
NC
NC
GND
VC
FB
NFB
GND
GND
GND
GND
SHDN
SYNC
VIN
Figure 5. Layout Considerations— SW Package


Similar Part No. - LT1371IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1371HV LINER-LT1371HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
More results

Similar Description - LT1371IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
logo
ACE Technology Co., LTD...
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
   High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com