Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLT9820G Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT9820G
Description  high power infrared laser diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT9820G Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT9820G Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.08.2010
rlt9820g.doc
1 of 1
RLT9820G
TECHNICAL DATA
High Power Infrared Laserdiode
Structure: GaAlAs double heterostructure
Lasing wavelength: 980 nm typ.
Max. optical power: 20 mW, multimode
Package: 9 mm
PIN CONNECTION:
1) Laser diode cathode
2) Laser diode anode and photodiode cathode
3) Photodiode anode
Maximum Ratings (Tc=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Optical Output Power
Po
25
mW
LD Reverse Voltage
VR(LD)
1.5
V
PD Reverse Voltage
VR(PD)
6
V
Operating Temperature
TC
-10 .. +50
°C
Storage Temperature
TSTG
-40 .. +85
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Optical Output Power
Po
cw
20
mW
Threshold Current
Ith
cw
25
30
mA
Operation Current
Iop
Po = 20 mW
60
75
100
mA
Lasing Aperture
A
1x15
µm²
Lasing Wavelength
λ
p
Po = 20 mW
970
980
990
nm
Beam Divergence
θ//
Po = 20 mW
20
25
°
Beam Divergence
θ
Po = 20 mW
45
50
°
Differential Efficiency
dPo/dIop
Po = 20 mW
0.4
0.7
1.0
mW/mA
Monitor Current
Im
Po = 20 mW
150
350
1200
µA
NOTE!
LASERDIODE
MUST BE COOLED!


Similar Part No. - RLT9820G

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT980-100GS ROITHNER-RLT980-100GS Datasheet
97Kb / 2P
   High Power Infrared Laser Diode
RLT980-250GS ROITHNER-RLT980-250GS Datasheet
97Kb / 2P
   High Power Infrared Laser Diode
RLT980-300GS ROITHNER-RLT980-300GS Datasheet
448Kb / 3P
   Infrared Laser Diode
RLT981000G ROITHNER-RLT981000G Datasheet
111Kb / 2P
   High Power Infrared Laser Diode
RLT9810G ROITHNER-RLT9810G Datasheet
61Kb / 1P
   Infrared Laserdiode
More results

Similar Description - RLT9820G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
RLT808-150GS ROITHNER-RLT808-150GS Datasheet
63Kb / 1P
   High Power Infrared Laser Diode
logo
Samtec, Inc
RLT1300-40G SAMTEC-RLT1300-40G Datasheet
108Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT940-100GS ROITHNER-RLT940-100GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT905-300GS ROITHNER-RLT905-300GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT98500GOP ROITHNER-RLT98500GOP Datasheet
178Kb / 3P
   High Power Infrared Laser Diode
RLT981000G ROITHNER-RLT981000G Datasheet
111Kb / 2P
   High Power Infrared Laser Diode
RLT1600-30G ROITHNER-RLT1600-30G Datasheet
116Kb / 2P
   High Power Infrared Laser Diode
RLT1725-300HHL ROITHNER-RLT1725-300HHL Datasheet
92Kb / 1P
   High Power Infrared Laser Diode
RLCO-808-2000-TO3 ROITHNER-RLCO-808-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com