Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63912-3900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63912-3900
Description  T2 Terminator for insulation OD 1.40-1.70mm - 18-24 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63912-3900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63912-3900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63912-3900
Status:
Active
Description:
T2 Terminator™ for insulation OD 1.40-1.70mm - 18-24 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
T2
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Terminator
UPC
884982666726
Physical
Net Weight
889.088/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639123900, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638500090, TM-638500090SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Mini-Fit Jr. ™, Mini-Fit HCS™, and Mini-Fit
Plus HCS™ Crimp Terminal 18-24 AWG
5556 , 5558 , 30490 , 44476 , 44478 , 44485
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63912-3900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63912-3900 MOLEX-63912-3900 Datasheet
280Kb / 7P
   T2 Terminator for Mini-Fit 田?Crimp Terminals
10-21-11
More results

Similar Description - 63912-3900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639023900 MOLEX-0639023900 Datasheet
36Kb / 3P
   FineAdjust Applicator for Insulation OD 1.40-1.70mm - 18-24 AWG
08/26/2022
63911-5600 MOLEX11-63911-5600 Datasheet
33Kb / 1P
   T2 Terminator for insulation OD 1.90-2.30mm - 18-24 AWG
63910-2900 MOLEX11-63910-2900 Datasheet
40Kb / 1P
   T2 Terminator for insulation OD 1.65 ??2.05mm ??18 ??24 AWG
63912-4900 MOLEX11-63912-4900 Datasheet
42Kb / 1P
   T2 Terminator for insulation OD 2.30-2.60mm - 18-24 AWG
63910-2600 MOLEX11-63910-2600 Datasheet
40Kb / 1P
   T2 Terminator for insulation OD 2.50-2.95mm - 18-24 AWG
63911-8800 MOLEX11-63911-8800 Datasheet
40Kb / 1P
   T2 Terminator for insulation OD 1.10-1.30mm - 20-24 AWG
63910-4500 MOLEX11-63910-4500 Datasheet
40Kb / 1P
   T2 Terminator for insulation OD 1.30-1.85mm - 20-24 AWG
0639118900 MOLEX11-0639118900 Datasheet
33Kb / 1P
   T2 Terminator for insulation OD 0.91-1.09mm - 20-24 AWG
0639124800 MOLEX11-0639124800 Datasheet
34Kb / 1P
   T2 Terminator for insulation OD 2.50-2.95mm optimized for 18 AWG only
0639123800 MOLEX11-0639123800 Datasheet
33Kb / 1P
   T2 Terminator for insulation OD 0.95-1.08mm - 22-28 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com