Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1371IT7 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1371IT7
Description  500kHz High Efficiency 3A Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371IT7 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1371IT7 Datasheet HTML 6Page - Linear Technology LT1371IT7 Datasheet HTML 7Page - Linear Technology LT1371IT7 Datasheet HTML 8Page - Linear Technology LT1371IT7 Datasheet HTML 9Page - Linear Technology LT1371IT7 Datasheet HTML 10Page - Linear Technology LT1371IT7 Datasheet HTML 11Page - Linear Technology LT1371IT7 Datasheet HTML 12Page - Linear Technology LT1371IT7 Datasheet HTML 13Page - Linear Technology LT1371IT7 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1371
APPLICATIO S I FOR ATIO
generates a loop “zero” at 5kHz to 50kHz that is instrumen-
tal in giving acceptable loop phase margin. Ceramic ca-
pacitors remain capacitive to beyond 300kHz and usually
resonate with their ESL before ESR becomes effective.
They are appropriate for input bypassing because of their
high ripple current ratings and tolerance of turn-on surges.
Output Diode
The suggested output diode (D1) is a 1N5821 Schottky or
its Motorola equivalent MBR330. It is rated at 3A average
forward current and 30V reverse voltage. Typical forward
voltage is 0.6V at 3A. The diode conducts current only
during switch OFF time. Peak reverse voltage for boost
converters is equal to regulator output voltage. Average
forward current in normal operation is equal to output
current.
Frequency Compensation
Loop frequency compensation is performed on the output
of the error amplifier (VC pin) with a series RC network.
The main pole is formed by the series capacitor and the
output impedance (
≈500kΩ) of the error amplifier. The
pole falls in the range of 2Hz to 20Hz. The series resistor
creates a “zero” at 1kHz to 5kHz, which improves loop
stability and transient response. A second capacitor, typi-
cally one-tenth the size of the main compensation capaci-
tor, is sometimes used to reduce the switching frequency
ripple on the VC pin. VC pin ripple is caused by output
voltage ripple attenuated by the output divider and multi-
plied by the error amplifier. Without the second capacitor,
VC pin ripple is:
VC Pin Ripple =
VRIPPLE = Output ripple (VP–P)
gm = Error amplifier transconductance
(
≈1500µmho)
RC = Series resistor on VC pin
VOUT = DC output voltage
1.245(VRIPPLE)(gm)(RC)
(VOUT)
To prevent irregular switching, VC pin ripple should be
kept below 50mVP–P. Worst-case VC pin ripple occurs at
Output Capacitor Ripple Current (RMS)
IRIPPLE (RMS) = IOUT
= IOUT
VOUT – VIN
VIN
DC
1 – DC
DC = Switch Duty Cycle
Input Capacitors
The input capacitor of a boost converter is less critical due
to the fact that the input current waveform is triangular and
does not contain large squarewave currents as is found in
the output capacitor. Capacitors in the range of 10
µF to
100
µF, with an ESR of 0.2Ω or less, work well up to full 3A
switch current. Higher ESR capacitors may be acceptable
at low switch currents. Input capacitor ripple current for a
boost converter is :
IRIPPLE =
f = 500kHz Switching Frequency
0.3(VIN)(VOUT – VIN)
(f)(L)(VOUT)
The input capacitor can see a very high surge current when
a battery or high capacitance source is connected “live”
and solid tantalum capacitors can fail under this condition.
Several manufacturers have developed tantalum capaci-
tors specially tested for surge capability (AVX TPS series,
for instance) but even these units may fail if the input
voltage approaches the maximum voltage rating of the
capacitor during a high surge. AVX recommends derating
capacitor voltage by 2:1 for high surge applications.
Ceramic, OS-CON and aluminum electrolytic capacitors
may also be used and have a high tolerance to turn-on
surges.
Ceramic Capacitors
Higher value, lower cost ceramic capacitors are now
becoming available in smaller case sizes. These are tempt-
ing for switching regulator use because of their very low
ESR. Unfortunately, the ESR is so low that it can cause
loop stability problems. Solid tantalum capacitor ESR


Similar Part No. - LT1371IT7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1371HV LINER-LT1371HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
More results

Similar Description - LT1371IT7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
logo
ACE Technology Co., LTD...
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
   High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com