Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0550A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0550A
Description  SAW Filter 1601 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0550A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0550A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
△ : Year Code (2009->9, 2010->0,…, 2018->8)
□ : Date Code (Follow the table from planner each year)
Date Code Table
2 : Input
5 : Output
1,3,4,6 : Ground
Unit : mm
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
A
B
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
a
b
c
d
e
f
g
h
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
o
p
q
r
s
t
u
v
w
x
y
z


Similar Part No. - TA0550A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0550A GOLLEDGE-TA0550A Datasheet
212Kb / 6P
   SAW Filter 1601.0MHz
More results

Similar Description - TA0550A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
Varitronix internationa...
VIM-1601 VARITRONIX-VIM-1601 Datasheet
47Kb / 1P
   VIM-1601
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com