Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0935A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0935A
Description  SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0935A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0935A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0935A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reflection Functions :
S11
S22


Similar Part No. - TA0935A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA09301AV TRANSKO-TA09301AV Datasheet
590Kb / 4P
   93.888 MHz IF SAW Filter / 2.02 MHz Bandwidth
Revision 0: 15. Apr. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA0930A TAI-SAW-TA0930A Datasheet
408Kb / 6P
   SAW Filter 1440 MHz
logo
Golledge Electronics Lt...
TA0930A GOLLEDGE-TA0930A Datasheet
163Kb / 5P
   SAW Filter 1440.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0930B TAI-SAW-TA0930B Datasheet
251Kb / 7P
   SAW Filter 1440 MHz
logo
Transko Electronics, In...
TA09316AD1 TRANSKO-TA09316AD1 Datasheet
673Kb / 4P
   93.75 MHz IF SAW Filter / 16.52 MHz Bandwidth
Revision 0: 04. Nov. 2010
More results

Similar Description - TA0935A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA0714A TAI-SAW-TA0714A Datasheet
159Kb / 7P
   SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
TA1653A TAI-SAW-TA1653A Datasheet
155Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.1x0.9 mm
TA2045A TAI-SAW-TA2045A Datasheet
441Kb / 9P
   SAW Filter 1575.42MHz 2MHz BW SMD1.1x0.9mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com