Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1432CN8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1432CN8
Description  5V High Efficiency Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CN8 Datasheet(HTML) 3 Page - Linear Technology

  LT1432CN8 Datasheet HTML 1Page - Linear Technology LT1432CN8 Datasheet HTML 2Page - Linear Technology LT1432CN8 Datasheet HTML 3Page - Linear Technology LT1432CN8 Datasheet HTML 4Page - Linear Technology LT1432CN8 Datasheet HTML 5Page - Linear Technology LT1432CN8 Datasheet HTML 6Page - Linear Technology LT1432CN8 Datasheet HTML 7Page - Linear Technology LT1432CN8 Datasheet HTML 8Page - Linear Technology LT1432CN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1432
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Burst Mode Quiescent Input Supply Current
1.3
1.8
mA
Burst Mode Output Ripple Voltage
IOUT = 0
100
mVp-p
IOUT = 50mA
130
mVp-p
Normal Mode Equivalent Input Supply Current
Extrapolated from IOUT = 20mA
6
mA
Normal Mode Minimum Operating Input Voltage
100mA < IOUT < 1.5A
6
V
Burst Mode Minimum Operating Input Voltage
5mA < IOUT < 50mA
6.2
V
Efficiency
Normal Mode IOUT = 0.5A
91
%
Burst Mode
IOUT = 25mA
77
%
Load Regulation
Normal Mode 50mA < IOUT < 2A
10
25
mV
Burst Mode
0 < IOUT < 50mA
50
mV
ELECTRICAL C
C
HARA TERISTICS
Operating parameters in standard circuit configuration.
VIN = +12V, IOUT = 0, unless otherwise noted. These parameters guaranteed where indicated, but not tested.
S
A
CHE
TIC
EQUIVALE T
Figure 2
VIN
+
34
65
2
7
8
MODE
CONTROL
VLIM
+5V
GND
MODE
S3*
S1**
S2**
* S3 IS CLOSED ONLY DURING STARTUP.
** S1 AND S2 ARE SHOWN IN NORMAL
MODE. REVERSE FOR BURST MODE.
1
V+
VC
VIN
DIODE
LT1432 F02
60mV
VOUT
VSW
VC
GND
FB
VIN
LT1271


Similar Part No. - LT1432CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432CN8-3.3 LINER-LT1432CN8-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
More results

Similar Description - LT1432CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com