Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1375HVIS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1375HVIS8
Description  1.5A, 500kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1375HVIS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1375HVIS8 Datasheet HTML 4Page - Linear Technology LT1375HVIS8 Datasheet HTML 5Page - Linear Technology LT1375HVIS8 Datasheet HTML 6Page - Linear Technology LT1375HVIS8 Datasheet HTML 7Page - Linear Technology LT1375HVIS8 Datasheet HTML 8Page - Linear Technology LT1375HVIS8 Datasheet HTML 9Page - Linear Technology LT1375HVIS8 Datasheet HTML 10Page - Linear Technology LT1375HVIS8 Datasheet HTML 11Page - Linear Technology LT1375HVIS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LT1375/LT1376
High switch efficiency is attained by using the BOOST pin
to provide a voltage to the switch driver which is higher
than the input voltage, allowing switch to be saturated.
This boosted voltage is generated with an external capaci-
BLOCK DIAGRAM
tor and diode. Two comparators are connected to the
shutdown pin. One has a 2.38V threshold for undervoltage
lockout and the second has a 0.4V threshold for complete
shutdown.
+
+
+
Σ
INPUT
2.9V BIAS
REGULATOR
500kHz
OSCILLATOR
FREQUENCY
SHIFT CIRCUIT
VSW
FB
VC
GND
1375/76 BD
SLOPE COMP
0.1
BIAS
INTERNAL
VCC
CURRENT
SENSE
AMPLIFIER
VOLTAGE GAIN = 10
SYNC
SHUTDOWN
COMPARATOR
CURRENT
COMPARATOR
ERROR
AMPLIFIER
gm = 2000µMho
FOLDBACK
CURRENT
LIMIT
CLAMP
BOOST
RS
FLIP-FLOP
DRIVER
CIRCUITRY
S
R
0.9V
LOCKOUT
COMPARATOR
0.4V
3.5
µA
Q2
Q1
POWER
SWITCH
2.38V
2.42V
+
SHDN
Figure 1. Block Diagram
APPLICATIONS INFORMATION
FEEDBACK PIN FUNCTIONS
The feedback (FB) pin on the LT1376 is used to set output
voltage and also to provide several overload protection
features. The first part of this section deals with selecting
resistors to set output voltage and the remaining part talks
about foldback frequency and current limiting created by
the FB pin. Please read both parts before committing to a
final design. The fixed 5V LT1376-5 has internal divider
resistors and the FB pin is renamed SENSE, connected
directly to the output.
The suggested value for the output divider resistor (see
Figure 2) from FB to ground (R2) is 5k or less, and a
formula for R1 is shown below. The output voltage error
caused by ignoring the input bias current on the FB pin is
less than 0.25% with R2 = 5k. A table of standard 1%
values is shown in Table 1 for common output voltages.


Similar Part No. - LT1375HVIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
More results

Similar Description - LT1375HVIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com