Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1375HVIS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1375HVIS8
Description  1.5A, 500kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1375HVIS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1375HVIS8 Datasheet HTML 1Page - Linear Technology LT1375HVIS8 Datasheet HTML 2Page - Linear Technology LT1375HVIS8 Datasheet HTML 3Page - Linear Technology LT1375HVIS8 Datasheet HTML 4Page - Linear Technology LT1375HVIS8 Datasheet HTML 5Page - Linear Technology LT1375HVIS8 Datasheet HTML 6Page - Linear Technology LT1375HVIS8 Datasheet HTML 7Page - Linear Technology LT1375HVIS8 Datasheet HTML 8Page - Linear Technology LT1375HVIS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1375/LT1376
ABSOLUTE MAXIMUM RATINGS
Input Voltage
LT1375/LT1376 .................................................. 25V
LT1375HV/LT1376HV ........................................ 30V
BOOST Pin Voltage
LT1375/LT1376 .................................................. 35V
LT1375HV/LT1376HV ........................................ 40V
SHDN Pin Voltage ..................................................... 7V
BIAS Pin Voltage ...................................................... 7V
FB Pin Voltage (Adjustable Part) ............................ 3.5V
FB Pin Current (Adjustable Part) ............................ 1mA
Sense Voltage (Fixed 5V Part) .................................. 7V
SYNC Pin Voltage ..................................................... 7V
Operating Ambient Temperature Range
LT1375C/LT1376C ................................. 0
°C to 70°C
LT1375I/LT1376I ............................... – 40
°C to 85°C
Operating Junction Temperature Range
LT1375C/LT1376C ............................... 0
°C to 125° C
LT1375I/LT1376I ............................. – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW
S PACKAGE
16-LEAD PLASTIC NARROW SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
NC
BOOST
VIN
VSW
BIAS
NC
GND
GND
NC
VC
FB/SENSE
GND
SHDN
NC
GND
ORDER PART NUMBER
θJA =50°C/ W WITH FUSED CORNER PINS
CONNECTED TO GROUND PLANE OR LARGE
LANDS
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
VIN
VSW
BIAS
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
VC
FB/SENSE
GND
SHDN
θJA = 100°C/ W (N8)
θJA = 120°C/ W TO 150°C/W DEPENDING ON
PC BOARD LAYOUT (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB/SENSE
GND
SYNC
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
BOOST
VIN
VSW
SHDN
θJA = 100°C/ W (N8)
θJA = 120°C/ W TO 150°C/W DEPENDING ON
PC BOARD LAYOUT (S8)
LT1375CN8
LT1375CN8-5
LT1375CS8
LT1375CS8-5
LT1375HVCS8
ORDER PART NUMBER
ORDER PART NUMBER
LT1375IN8
LT1375IN8-5
LT1375IS8
LT1375IS8-5
LT1375HVIS8
LT1376CN8
LT1376CN8-5
LT1376CS8
LT1376CS8-5
LT1376HVCS8
LT1376IN8
LT1376IN8-5
LT1376IS8
LT1376IS8-5
LT1376HVIS8
S8 PART MARKING
S8 PART MARKING
1375I
1375I5
375HVI
1375
13755
1375HV
1376
13765
1376HV
1376I
1376I5
376HVI
LT1376CS
LT1376IS
LT1376HVCS
LT1376HVIS
Consult factory for Military grade parts.


Similar Part No. - LT1375HVIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
More results

Similar Description - LT1375HVIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com