Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753036GCA Datasheet(PDF) 11 Page - NEC

Part # UPD753036GCA
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753036GCA Datasheet(HTML) 11 Page - NEC

Back Button UPD753036GCA Datasheet HTML 7Page - NEC UPD753036GCA Datasheet HTML 8Page - NEC UPD753036GCA Datasheet HTML 9Page - NEC UPD753036GCA Datasheet HTML 10Page - NEC UPD753036GCA Datasheet HTML 11Page - NEC UPD753036GCA Datasheet HTML 12Page - NEC UPD753036GCA Datasheet HTML 13Page - NEC UPD753036GCA Datasheet HTML 14Page - NEC UPD753036GCA Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
11
µPD753036, 753036(A)
Data Sheet U11353EJ4V0DS00
3.2 Non-Port Pins (2/2)
Pin Name
Input/Output
Alternate
Function
State after
I/O Circuit
Function
Reset
Type Note 1
LCDCLNote 2
Output
P30
Clock output for externally expanded driver
Input
E-B
SYNCNote 2
Output
P31
Clock output for externally expanded driver sync
Input
E-B
X1
Input
Crystal/ceramic connection pin for the main
X2
system clock oscillator. When inputting the
external clock, input the external clock to pin
X1, and the reverse phase of the external clock
to pin X2.
XT1
Input
XT2
RESET
Input
System reset input (low level active)
B
IC
Internally connected. Connect directly to VDD.–
VDD
Positive power supply
VSS
GND
Notes 1. Circled characters indicate the Schmitt-trigger input.
2. These pins are provided for future system expansion. At present, these pins are used only as pins
P30 and P31.
Crystal connection pin for the subsystem clock oscillator.
When the external clock is used, input the external
clock to pin XT1 and the reverse phase of the
external clock to pin XT2. Pin XT1 can be used as
a 1-bit input (test) pin.


Similar Part No. - UPD753036GCA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753036 RENESAS-UPD753036 Datasheet
668Kb / 89P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD753036GCA

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com