Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460GCZ-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1460GCZ-5
Description  Micropower Precision Series Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460GCZ-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1460GCZ-5 Datasheet HTML 4Page - Linear Technology LT1460GCZ-5 Datasheet HTML 5Page - Linear Technology LT1460GCZ-5 Datasheet HTML 6Page - Linear Technology LT1460GCZ-5 Datasheet HTML 7Page - Linear Technology LT1460GCZ-5 Datasheet HTML 8Page - Linear Technology LT1460GCZ-5 Datasheet HTML 9Page - Linear Technology LT1460GCZ-5 Datasheet HTML 10Page - Linear Technology LT1460GCZ-5 Datasheet HTML 11Page - Linear Technology LT1460GCZ-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1460-5
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Z Package
3-Lead Plastic TO-92 (Similar to TO-226)
(LTC DWG # 05-08-1410)
0.050
± 0.005
(1.270
± 0.127)
0.060
± 0.005
(1.524
± 0.127)
DIA
0.90
(2.286)
NOM
0.180
± 0.005
(4.572
± 0.127)
0.180
± 0.005
(4.572
± 0.127)
0.500
(12.70)
MIN
0.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
0.016
± 0.003
(0.406
± 0.076)
5
°
NOM
0.015
± 0.002
(0.381
± 0.051)
0.060
± 0.010
(1.524
± 0.254)
10
° NOM
0.140
± 0.010
(3.556
± 0.127)
Z3 (TO-92) 0695


Similar Part No. - LT1460GCZ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460GCZ-5 LINER-LT1460GCZ-5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460GCZ-5-PBF LINER-LT1460GCZ-5-PBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460GCZ-5-TRPBF LINER-LT1460GCZ-5-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460GCZ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com