Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0028 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0028
Description  CENTERTAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0028 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0028_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0028_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
TO-254
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RC0028A
DATA SHEET #:
40AMPS
600 VOLTS
30 nsec
HYPER FAST
CENTERTAP RECTIFIER
Maximum Ratings
Volts
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
DC Blocking Voltage
40
Amps
Io
VRRM
VRWM
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA = 25
oC) 1/
200
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC) 2/
1/ Both legs tied together
SDR656CTM & Z
• Hyper Fast Recovery: 30nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• Common Anode and Doubler Versions Available
• TX, TXV and Space Level Screening Available
VR
600
SDR656CTM & Z
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case, 1/
2.0
1.0
oC/W
RθθθθθJC
oC
-65 TO +175
Operating and Storage Temperature
TO-254Z
1.30
2/ Per leg
TOP & TSTG


Similar Part No. - RC0028_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0028 SSDI-RC0028 Datasheet
40Kb / 2P
   CENTERTAP RECTIFIER
More results

Similar Description - RC0028_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
   CENTERTAP RECTIFIER
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
   CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
   CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
   Centertap Rectifier
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
   Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
   CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
   CENTERTAP RECTIFIER
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
   CENTERTAP RECTIFIER
RH0145 SSDI-RH0145_15 Datasheet
229Kb / 2P
   CENTERTAP RECTIFIER
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
   Centertap Rectifier
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
   CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com