Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1376CS8 Datasheet HTML 1Page - Linear Technology LT1376CS8 Datasheet HTML 2Page - Linear Technology LT1376CS8 Datasheet HTML 3Page - Linear Technology LT1376CS8 Datasheet HTML 4Page - Linear Technology LT1376CS8 Datasheet HTML 5Page - Linear Technology LT1376CS8 Datasheet HTML 6Page - Linear Technology LT1376CS8 Datasheet HTML 7Page - Linear Technology LT1376CS8 Datasheet HTML 8Page - Linear Technology LT1376CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1375/LT1376
1.5A, 500kHz Step-Down
Switching Regulators
s
Constant 500kHz Switching Frequency
s
Easily Synchronizable
s
Uses All Surface Mount Components
s
Inductor Size Reduced to 5
µH
s
Saturating Switch Design: 0.4
s
Effective Supply Current: 2.5mA
s
Shutdown Current: 20
µA
s
Cycle-by-Cycle Current Limiting
s
Portable Computers
s
Battery-Powered Systems
s
Battery Charger
s
Distributed Power
The LT
®1375/LT1376 are 500kHz monolithic buck mode
switching regulators. A 1.5A switch is included on the die
along with all the necessary oscillator, control and logic
circuitry. High switching frequency allows a considerable
reduction in the size of external components. The topology
is current mode for fast transient response and good loop
stability. Both fixed output voltage and adjustable parts are
available.
A special high speed bipolar process and new design
techniques achieve high efficiency at high switching fre-
quency. Efficiency is maintained over a wide output cur-
rent range by using the output to bias the circuitry and by
utilizing a supply boost capacitor to saturate the power
switch. A shutdown signal will reduce supply current to
20
µA on both parts. The LT1375 can be externally syn-
chronized from 550kHz to 1MHz with logic level inputs.
The LT1375/LT1376 fit into standard 8-pin PDIP and SO
packages, as well as a fused lead 16-pin SO with much
lower thermal resistance. Full cycle-by-cycle short-cir-
cuit protection and thermal shutdown are provided.
Standard surface mount external parts are used, includ-
ing the inductor and capacitors.
For low input voltage applications with 3.3V output, see
LT1507. This is a functionally identical part that can
operate with input voltages between 4.5V and 12V.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V Buck Converter
LOAD CURRENT (A)
0
100
90
80
70
60
50
1.00
1375/76 TA02
0.25
0.50
0.75
1.25
VOUT = 5V
VIN = 10V
L = 10
µH
Efficiency vs Load Current
BOOST
LT1376-5
VIN
OUTPUT**
5V, 1.25A
* RIPPLE CURRENT
≥ IOUT/2
** INCREASE L1 TO 10
µH FOR LOAD CURRENTS ABOVE 0.6A AND TO 20µH ABOVE 1A
FOR INPUT VOLTAGE BELOW 7.5V, SOME RESTRICTIONS MAY APPLY.
SEE APPLICATIONS INFORMATION.
INPUT
6VTO 25V
1375/76 TA01
C2
0.1
µF
CC
3.3nF
D2
1N5818
C1
100
µF, 10V
SOLID
TANTALUM
C3*
10
µF TO
50
µF
D2
1N914
L1**
5
µH
VSW
FB
BIAS
GND
VC
DEFAULT
= ON
SHDN
+
+
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
More results

Similar Description - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com