Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 2Page - Linear Technology LT1376CS8 Datasheet HTML 3Page - Linear Technology LT1376CS8 Datasheet HTML 4Page - Linear Technology LT1376CS8 Datasheet HTML 5Page - Linear Technology LT1376CS8 Datasheet HTML 6Page - Linear Technology LT1376CS8 Datasheet HTML 7Page - Linear Technology LT1376CS8 Datasheet HTML 8Page - Linear Technology LT1376CS8 Datasheet HTML 9Page - Linear Technology LT1376CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LT1375/LT1376
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1375/76 G13
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 10V
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1375/76 G14
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 3.3V
Maximum Load Current
at VOUT = 10V
Maximum Load Current
at VOUT = 3.3V
Maximum Load Current
at VOUT = 5V
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1375/76 G15
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 5V
PIN FUNCTIONS
BOOST: The BOOST pin is used to provide a drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch. Without this added voltage, the typical
switch voltage loss would be about 1.5V. The additional
boost voltage allows the switch to saturate and voltage
loss approximates that of a 0.3
Ω FET structure, but with
much smaller die area. Efficiency improves from 75% for
conventional bipolar designs to > 87% for these new parts.
VSW: The switch pin is the emitter of the on-chip power
NPN switch. It is driven up to the input pin voltage during
switch on time. Inductor current drives the switch pin
negative during switch off time. Negative voltage is clamped
with the external catch diode. Maximum negative switch
voltage allowed is – 0.8V.
SHDN: The shutdown pin is used to turn off the regulator
and to reduce input drain current to a few microamperes.
Actually, this pin has two separate thresholds, one at
2.38V to disable switching, and a second at 0.4V to force
complete micropower shutdown. The 2.38V threshold
functions as an accurate undervoltage lockout (UVLO).
This is sometimes used to prevent the regulator from
operating until the input voltage has reached a predeter-
mined level.
SWITCH CURRENT (A)
0
12
10
8
6
4
2
0
0.25
0.50
0.75
1.00
1375/76 G16
1.25
TJ = 25°C
BOOST Pin Current
VC Pin Shutdown Threshold
SWITCH CURRENT (A)
0
0.8
0.6
0.4
0.2
0
0.25
0.50
0.75
1.00
1375/76 G18
1.25
1.50
TJ = 25°C
Switch Voltage Drop
JUNCTION TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
100
1375/76 G11
–25
0
25
50
75
125
SHUTDOWN


Similar Part No. - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
More results

Similar Description - LT1376CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com