Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF24G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF24G
Description  Glass Passivated Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF24G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF24G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF24G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF24G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF24G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SF21G
SF21G
SF21G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405017
Version: G14
SF21G thru SF28G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
Prefix "H"
A0
Suffix "G"
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (SF21G) to 600V (SF28G)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SF2xG
(Note 1)
SF21G A0
A0
SF21G A0G
A0
G
Green compound
SF21GHA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
SF27G-SF28G
Pulse Width=300μs
1% Duty Cycle
SF25G-SF26G
SF21G-SF24G


Similar Part No. - SF24G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF24G JGD-SF24G Datasheet
162Kb / 2P
   2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF24G LUGUANG-SF24G Datasheet
170Kb / 2P
   2.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Guangdong Juxing Electr...
SF24G JUXING-SF24G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF24G TSC-SF24G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF24G CYSTEKEC-SF24G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF24G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805 SSC-MUR805 Datasheet
280Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com