Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1563-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1563-3
Description  Active RC, 4th Order Lowpass Filter Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1563-3_15 Datasheet HTML 2Page - Linear Technology LTC1563-3_15 Datasheet HTML 3Page - Linear Technology LTC1563-3_15 Datasheet HTML 4Page - Linear Technology LTC1563-3_15 Datasheet HTML 5Page - Linear Technology LTC1563-3_15 Datasheet HTML 6Page - Linear Technology LTC1563-3_15 Datasheet HTML 7Page - Linear Technology LTC1563-3_15 Datasheet HTML 8Page - Linear Technology LTC1563-3_15 Datasheet HTML 9Page - Linear Technology LTC1563-3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1563-2/LTC1563-3
156323fa
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
INPUT FREQUENCY (kHz)
1
10
1563 G10
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
VS = SINGLE 3.3V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G11
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
VS = SINGLE 3.3V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G12
200
1VP-P
2VP-P
VS = SINGLE 3V
HIGH SPEED MODE
fC = 256kHz
INPUT FREQUENCY (kHz)
1
10
1563 G13
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G14
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G15
200
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
HIGH SPEED MODE
fC = 256kHz
INPUT FREQUENCY (kHz)
1
10
1563 G16
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
5VP-P
VS = ± 5V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G17
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
5VP-P
VS = ± 5V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G18
200
1VP-P
5VP-P
2VP-P
VS = ± 5V
HIGH SPEED MODE
fC = 256kHz
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1563-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-3CGN LINER-LTC1563-3CGN Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3CGN LINER-LTC1563-3CGN Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3IGN LINER-LTC1563-3IGN Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3IGN LINER-LTC1563-3IGN Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
More results

Similar Description - LTC1563-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
   Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
   Active Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com